công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS6011-02 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện FS6011-02
Giải thích chi tiết về linh kiện  DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

FS6011-02 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  FS6011-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
XT
July 1998
5
7.20.98
)6
'LJLWDO $XGLR9LGHR &ORFN *HQHUDWRU ,&
,62
4.5
Reference Frequencies (CLK27)
The CLK27 output frequency is controlled by register bit
D[8] that selects either the VCXO reference frequency or
the UCLK frequency.
Table 7: CLK27 Frequency Select
D[8]
CLK27 Output
0
VCXO Frequency
1
UCLK Frequency
4.6
VCXO Coarse Tuning and Enable
The VCXO may be coarse tuned by a programmable ad-
justment of the crystal load capacitance via D[12:9]. The
actual amount of frequency warping caused by the tuning
capacitance will depend on the crystal used. The VCXO
tuning capacitance includes an external 6pF load ca-
pacitance (12pF from the XIN pin to ground and 12pF
from the XOUT pin to ground).
The fine tuning capability of the VCXO can be enabled by
setting D[13] to a logic-one or disabled by clearing the bit
to a logic-zero.
Table 8: VCXO Tuning Capacitance
D[12]
D[11]
D[10]
D[9]
VCXO TUNING
CAPACITANCE (pF)
0
0
0
0
10.00
0
0
0
1
10.84
0
0
1
0
11.69
0
0
1
1
12.53
0
1
0
0
13.38
0
1
0
1
14.22
0
1
1
0
15.06
0
1
1
1
15.91
1
0
0
0
16.75
1
0
0
1
17.59
1
0
1
0
18.43
1
0
1
1
19.28
1
1
0
0
20.13
1
1
0
1
20.97
1
1
1
0
21.81
1
1
1
1
22.66
Figure 4 shows the typical effect of the coarse and fine
tuning mechanisms. The difference in VCXO frequency in
parts-per-million (ppm) is shown as the fine tuning volt-
age on the XTUNE pin varies from 0V to 5V. The coarse
tune range as shown is about 350ppm. As the crystal
load capacitance is increased (with increasing Coarse
Tune setting) the frequency is pulled somewhat less with
each coarse step and the fine tuning range decreases.
The fine tuning range always overlaps a few coarse tun-
ing ranges, eliminating the possibility of holes in the
VCXO response. Note that different crystal warping char-
acteristics will change the scaling on the Y-axis, but not
the overall characteristic of the curves.
Figure 4: VCXO Coarse and Fine Tuning
VCXO Range (ppm) vs. XTUNE Voltage (V)
-200
-150
-100
-50
0
50
100
150
200
0123
45
6789
10 11 12 13 14 15
Coarse Tune Setting D[11:14]
XTUNE Volt age = 0.0V
XTUNE Volt age = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com