công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9V024 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MT9V024
Giải thích chi tiết về linh kiện  1/3-Inch Wide VGA CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MT9V024 Datasheet HTML 1Page - ON Semiconductor MT9V024 Datasheet HTML 2Page - ON Semiconductor MT9V024 Datasheet HTML 3Page - ON Semiconductor MT9V024 Datasheet HTML 4Page - ON Semiconductor MT9V024 Datasheet HTML 5Page - ON Semiconductor MT9V024 Datasheet HTML 6Page - ON Semiconductor MT9V024 Datasheet HTML 7Page - ON Semiconductor MT9V024 Datasheet HTML 8Page - ON Semiconductor MT9V024 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2017 − Rev. 7
1
Publication Order Number:
MT9V024/D
MT9V024/D
1/3-Inch Wide VGA CMOS
Digital Image Sensor
Description
The MT9V024 is a 1/3−inch wide−VGA format CMOS active−pixel
digital image sensor with global shutter and high dynamic range
(HDR) operation. The sensor has specifically been designed to support
the demanding interior and exterior automotive imaging needs, which
makes this part ideal for a wide variety of imaging applications in
real−world environments.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Value
Optical Format
1/3-inch
Active Imager Size
4.51 mm (H) × 2.88 mm (V)
5.35 mm Diagonal
Active Pixels
752 H × 480 V
Pixel Size
6.0 mm × 6.0 mm
Color Filter Array
Monochrome or Color RGB Bayer or RCCC Pattern
Shutter Type
Global Shutter
Maximum Data Rate
Master Clock
27 Mp/s
27 MHz
Full Resolution
752 × 480
Frame Rate
60 fps (at Full Resolution)
ADC Resolution
10−bit Column−Parallel
Responsivity
4.8 V/lux−sec (550 nm)
Dynamic Range
> 55 dB Linear;
> 100 dB in HDR Mode
Supply Voltage
3.3 V ± 0.3 V (All Supplies)
Power Consumption
< 160 mW at Maximum Data Rate (LVDS
Disabled);
120 mW Standby Power at 3
Operating Tempera-
ture
−40
°C to + 105°C
Packaging
52−ball iBGA, Automotive−qualified; Wafer or Die
Features
• Array Format: Wide−VGA, Active 752 H x 480 V
(360,960 pixels)
• Global Shutter Photodiode Pixels; Simultaneous Integration and
Readout
• RGB Bayer, Monochrome, or RCCC: NIR Enhanced Performance
for Use with Non−visible NIR Illumination
• Readout Modes: Progressive or Interlaced
• Shutter Efficiency: >99%
• Simple Two−Wire Serial Interface
• Real−Time Exposure Context Switching−Dual Register Set
• Register Lock Capability
www.onsemi.com
See detailed ordering and shipping information on page2 of
this data sheet.
ORDERING INFORMATION
Features (continued)
• Window Size: User Programmable to Any
Smaller Format (QVGA, CIF, QCIF). Data
Rate Can Be Maintained Independent of
Window Size
• Binning: 2 x 2 and 4 x 4 of The Full Resolu-
tion
• ADC: On−Chip, 10−bit Column−Parallel
(Option to Operate in 12−bit to 10−bit
Companding Mode)
• Automatic Controls: Auto Exposure Control
(AEC) and Auto Gain Control (AGC); Vari-
able Regional and Variable Weight AEC/
AGC
• Support for Four Unique Serial Control
Register IDs to Control Multiple Imagers on
the Same Bus
• Data Output Formats:
♦ Single Sensor Mode:
10−bit Parallel/Stand−Alone
8−bit or 10−bit Serial LVDS
♦ Stereo Sensor Mode: Interspersed 8−bit
Serial LVDS
• High Dynamic Range (HDR) Mode
IBGA52
CASE 503AA


Số phần tương tự - MT9V024

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024 ONSEMI-MT9V024 Datasheet
704Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D ONSEMI-MT9V024D Datasheet
704Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
704Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results

Mô tả tương tự - MT9V024

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com