công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9V024 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MT9V024
Giải thích chi tiết về linh kiện  1/3-Inch Wide VGA CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MT9V024 Datasheet HTML 1Page - ON Semiconductor MT9V024 Datasheet HTML 2Page - ON Semiconductor MT9V024 Datasheet HTML 3Page - ON Semiconductor MT9V024 Datasheet HTML 4Page - ON Semiconductor MT9V024 Datasheet HTML 5Page - ON Semiconductor MT9V024 Datasheet HTML 6Page - ON Semiconductor MT9V024 Datasheet HTML 7Page - ON Semiconductor MT9V024 Datasheet HTML 8Page - ON Semiconductor MT9V024 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MT9V024/D
www.onsemi.com
5
52−Ball IBA
Numbers
Descriptions
Type
Symbol
A3
SER_DATAOUT_N
Output Serial data out (differential negative)
A2
SER_DATAOUT_P
Output Serial data out (differential positive)
B4, E2
VDD
Supply Digital power 3.3 V
C8, F7
VAA
Supply Analog power 3.3 V
B8
VAAPIX
Supply Pixel power 3.3 V
A1, A4
VDDLVDS
Supply Dedicated power for LVDS pads
B1, C3
LVDSGND
Ground Dedicated GND for LVDS pads
C6, F3
DGND
Ground Digital GND
C7, F6
AGND
Ground Analog GND
E7, E8, D7, D8
NC
NC
No connect (Note 3)
1. Pin H7 (RSVD) must be tied to GND.
2. Output enable (OE) tri−states signals DOUT0−DOUT9, LINE_VALID, FRAME_VALID, and PIXCLK.
3. No connect. These pins must be left floating for proper operation.
Master Clock
STANDBY from
Controller or
Digital GND
Two−Wire
Serial Interface
SYSCLK
OE
RESET_BAR
EXPOSURE
STANDBY
S_CTRL_ADR0
S_CTRL_ADR1
SCLK
SDATA
RSVD
LVDSGND
DGND
AGND
LINE_VALID
FRAME_VALID
PIXCLK
LED_OUT
ERROR
To Controller
To LED Output
VDD
VAA
VAAPIX
VAAPIX
0.1mF
Figure 3. Typical Configuration (Connection)−Parallel Output Mode
NOTE: LVDS signals are to be left floating.
VDD
VAA
VDDLVDS
DOUT(9:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com