công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC862 bảng dữ liệu(PDF) 81 Page - Motorola, Inc

tên linh kiện MPC862
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862 bảng dữ liệu(HTML) 81 Page - Motorola, Inc

Back Button MPC862 Datasheet HTML 77Page - Motorola, Inc MPC862 Datasheet HTML 78Page - Motorola, Inc MPC862 Datasheet HTML 79Page - Motorola, Inc MPC862 Datasheet HTML 80Page - Motorola, Inc MPC862 Datasheet HTML 81Page - Motorola, Inc MPC862 Datasheet HTML 82Page - Motorola, Inc MPC862 Datasheet HTML 83Page - Motorola, Inc MPC862 Datasheet HTML 84Page - Motorola, Inc MPC862 Datasheet HTML 85Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
81
Mechanical Data and Ordering Information
PB20
SMRXD2
L1CLKOA
PHSEL01
TXADDR02
L16
Bidirectional
(Optional: Open-drain)
PB19
RTS1
L1ST1
N19
Bidirectional
(Optional: Open-drain)
PB18
RXADDR42
RTS2
L1ST2
N17
Bidirectional
(Optional: Open-drain)
PB17
L1RQb
L1ST3
RTS3
PHREQ11
RXADDR12
P18
Bidirectional
(Optional: Open-drain)
PB16
L1RQa
L1ST4
RTS4
PHREQ01
RXADDR02
N16
Bidirectional
(Optional: Open-drain)
PB15
BRGO3
TxClav
R17
Bidirectional
PB14
RXADDR22
RSTRT1
U18
Bidirectional
PC15
DREQ0
RTS1
L1ST1
RxClav
D16
Bidirectional
PC14
DREQ1
RTS2
L1ST2
D18
Bidirectional
PC13
L1RQb
L1ST3
RTS3
E18
Bidirectional
PC12
L1RQa
L1ST4
RTS4
F18
Bidirectional
Table 35. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88