| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6021-I/P bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6021-I/P bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 28 page ![]() 2003 Microchip Technology Inc. DS21685B-page 11 MCP6021/2/3/4 Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2, RL =10kΩ to VDD/2, VOUT ≈ VDD/2 and CL = 60 pF. FIGURE 2-37: VREF Accuracy vs. Supply Voltage (MCP6021 and MCP6023 only). FIGURE 2-38: Chip Select (CS) Hysteresis (MCP6023 only) with VDD = 2.5V. FIGURE 2-39: Chip Select (CS) to Amplifier Output Response Time (MCP6023 only). FIGURE 2-40: VREF Accuracy vs. Temperature (MCP6021 and MCP6023 only). FIGURE 2-41: Chip Select (CS) Hysteresis (MCP6023 only) with VDD = 5.5V. -50 -40 -30 -20 -10 0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Power Supply Voltage (V) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.0 0.5 1.0 1.5 2.0 2.5 Chip Select Voltage (V) Op Amp shuts off here Op Amp turns on here Hysteresis VDD = 2.5V G = +1 V/V VIN = 1.25V CS swept low to high CS swept high to low -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0.0E+00 5.0E-06 1.0E-05 1.5E-05 2.0E-05 2.5E-05 3.0E-05 3.5E-05 Time (5 µs/div) Output High-Z VDD = 5.0V G = +1 V/V VIN = VSS Output on Output on VOUT CS Voltage -50 -40 -30 -20 -10 0 10 20 30 40 50 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) VDD = 5.5V VDD = 2.5V Representative Part 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Chip Select Voltage (V) Op Amp shuts off here Op Amp turns on here Hysteresis CS swept high to low CS swept low to high VDD = 5.5V G = +1 V/V VIN = 2.75V |