| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6021-I/P bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6021-I/P bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 28 page ![]() MCP6021/2/3/4 DS21685B-page 8 2003 Microchip Technology Inc. Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2, RL =10kΩ to VDD/2, VOUT ≈ VDD/2 and CL = 60 pF. FIGURE 2-19: DC Open-Loop Gain vs. Load Resistance. FIGURE 2-20: Small Signal DC Open-Loop Gain vs. Output Voltage Headroom. FIGURE 2-21: Gain Bandwidth Product, Phase Margin vs. Temperature. FIGURE 2-22: DC Open-Loop Gain vs. Temperature. FIGURE 2-23: Gain Bandwidth Product, Phase Margin vs. Common Mode Input Voltage. FIGURE 2-24: Gain Bandwidth Product, Phase Margin vs. Output Voltage. 80 90 100 110 120 130 1.E+02 1.E+03 1.E+04 1.E+05 Load Resistance ( ) VDD = 5.5V VDD = 2.5V 100 1k 10k 100k 70 80 90 100 110 120 0.00 0.05 0.10 0.15 0.20 0.25 0.30 Output Voltage Headroom (V); VDD - VOH or VOL - VSS VCM = VDD/2 VDD = 2.5V VDD = 5.5V 0 1 2 3 4 5 6 7 8 9 10 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 0 10 20 30 40 50 60 70 80 90 100 GBWP, VDD = 5.5V GBWP, VDD = 2.5V PM, VDD = 2.5V PM, VDD = 5.5V 90 95 100 105 110 115 120 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) VDD = 5.5V VDD = 2.5V 0 2 4 6 8 10 12 14 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Common Mode Input Voltage (V) 0 15 30 45 60 75 90 105 Gain Bandwidth Product Phase Margin, G = +1 VDD = 5.0V 0 2 4 6 8 10 12 14 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Output Voltage (V) 0 15 30 45 60 75 90 105 Gain Bandwidth Product Phase Margin, G = +1 VDD = 5.0V VCM = VDD/2 |