công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE71S6402 bảng dữ liệu(PDF) 2 Page - Pasternack Enterprises, Inc.

tên linh kiện PE71S6402
Giải thích chi tiết về linh kiện  Electromechanical Relay Switches Technical Data Sheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6402 bảng dữ liệu(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE71S6402 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
6 to 12
12 to 18
GHz
VSWR, Max
1.2:1
1.3:1
1.4:1
Insertion Loss, Max
0.2
0.3
0.5
dB
Isolation, Min
70
60
60
dB
Input Power, Typ (CW)
90
75
60
Watts
.
Mechanical Specifications
Size
.
Package Type
Connectorized
.
Operating Life
5,000,000 Cycles
Connectors
RF Connector Type
SMA Female
Control Connector
Solder Pin
Environmental Specifications
Temperature
Operating Range
-25 to +70 deg C
Storage Range
-55 to +100 deg C
Shock
MIL-STD-202 Method 213, Cond. D 500G Non Operat-
ing
Vibration
MIL-STD-202 Method 214, Cond. D 10G RMS Non
Operating
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE71S6402 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Latching Switch, DC to 18 GHz, up to 90W, 28V, Indicators,
SMA PE71S6402
Electromechanical Relay Switches Technical Data
PE71S6402
Transfer Electromechanical Relay Latching Switch,
DC to 18 GHz, up to 90W, 28V, Indicators, SMA



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com