công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47B27X bảng dữ liệu(PDF) 63 Page - SMSC Corporation

tên linh kiện LPC47B27X
Giải thích chi tiết về linh kiện  100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B27X bảng dữ liệu(HTML) 63 Page - SMSC Corporation

Back Button LPC47B27X Datasheet HTML 59Page - SMSC Corporation LPC47B27X Datasheet HTML 60Page - SMSC Corporation LPC47B27X Datasheet HTML 61Page - SMSC Corporation LPC47B27X Datasheet HTML 62Page - SMSC Corporation LPC47B27X Datasheet HTML 63Page - SMSC Corporation LPC47B27X Datasheet HTML 64Page - SMSC Corporation LPC47B27X Datasheet HTML 65Page - SMSC Corporation LPC47B27X Datasheet HTML 66Page - SMSC Corporation LPC47B27X Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 196 page
background image
SMSC LPC47B27x
- 63 -
Rev. 08-10-04
DATASHEET
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are enabled (FCR bit 0 = "1", IER bit 0 = "1"), RCVR interrupts occur as
follows:
A. The receive data available interrupt will be issued when the FIFO has reached its programmed trigger level; it is
cleared as soon as the FIFO drops below its programmed trigger level.
B. The IIR receive data available indication also occurs when the FIFO trigger level is reached. It is cleared when the
FIFO drops below the trigger level.
C. The receiver line status interrupt (IIR=06H), has higher priority than the received data available (IIR=04H) interrupt.
D. The data ready bit (LSR bit 0) is set as soon as a character is transferred from the shift register to the RCVR FIFO. It
is reset when the FIFO is empty.
When RCVR FIFO and receiver interrupts are enabled, RCVR FIFO timeout interrupts occur as follows:
A. A FIFO timeout interrupt occurs if all the following conditions exist:
-
At least one character is in the FIFO.
-
The most recent serial character received was longer than 4 continuous character times ago. (If 2 stop bits are
programmed, the second one is included in this time delay).
-
The most recent CPU read of the FIFO was longer than 4 continuous character times ago.
This will cause a maximum character received to interrupt issued delay of 160 msec at 300 BAUD with a 12 bit
character.
B. Character times are calculated by using the RCLK input for a clock signal (this makes the delay proportional to the
baudrate).
C. When a timeout interrupt has occurred it is cleared and the timer reset when the CPU reads one character from the
RCVR FIFO.
D. When a timeout interrupt has not occurred the timeout timer is reset after a new character is received or after the
CPU reads the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts are enabled (FCR bit 0 = "1", IER bit 1 = "1"), XMIT interrupts occur as
follows:
A. The transmitter holding register interrupt (02H) occurs when the XMIT FIFO is empty; it is cleared as soon as the
transmitter holding register is written to (1 of 16 characters may be written to the XMIT FIFO while servicing this
interrupt) or the IIR is read.
B. The transmitter FIFO empty indications will be delayed 1 character time minus the last stop bit time whenever the
following occurs: THRE=1 and there have not been at least two bytes at the same time in the transmitter FIFO since
the last THRE=1. The transmitter interrupt after changing FCR0 will be immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level interrupts have the same priority as the current received data available
interrupt; XMIT FIFO empty has the same priority as the current transmitter holding register empty interrupt.
FIFO POLLED MODE OPERATION
With FCR bit 0 = "1" resetting IER bits 0, 1, 2 or 3 or all to zero puts the UART in the FIFO Polled Mode of operation.
Since the RCVR and XMITTER are controlled separately, either one or both can be in the polled mode of operation. In
this mode, the user's program will check RCVR and XMITTER status via the LSR. LSR definitions for the FIFO Polled
Mode are as follows:
Bit 0=1 as long as there is one byte in the RCVR FIFO.
Bits 1 to 4 specify which error(s) have occurred. Character error status is handled the same way as when in the
interrupt mode, the IIR is not affected since EIR bit 2=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com