công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47B27X bảng dữ liệu(PDF) 38 Page - SMSC Corporation

tên linh kiện LPC47B27X
Giải thích chi tiết về linh kiện  100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B27X bảng dữ liệu(HTML) 38 Page - SMSC Corporation

Back Button LPC47B27X Datasheet HTML 34Page - SMSC Corporation LPC47B27X Datasheet HTML 35Page - SMSC Corporation LPC47B27X Datasheet HTML 36Page - SMSC Corporation LPC47B27X Datasheet HTML 37Page - SMSC Corporation LPC47B27X Datasheet HTML 38Page - SMSC Corporation LPC47B27X Datasheet HTML 39Page - SMSC Corporation LPC47B27X Datasheet HTML 40Page - SMSC Corporation LPC47B27X Datasheet HTML 41Page - SMSC Corporation LPC47B27X Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 196 page
background image
SMSC LPC47B27x
- 38 -
Rev. 08-10-04
DATASHEET
Table 16 - Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
N
Sector Size Code
This specifies the number of bytes in a sector. If this parameter is
"00", then the sector size is 128 bytes.
The number of bytes
transferred is determined by the DTL parameter. Otherwise the
sector size is (2 raised to the "N'th" power) times 128. All values up
to "07" hex are allowable. "07"h would equal a sector size of 16k. It
is the user's responsibility to not select combinations that are not
possible with the drive.
N
SECTOR SIZE
00
128 Bytes
01
256 Bytes
02
512 Bytes
03
1024 Bytes
…
…
07
16K Bytes
NCN
New Cylinder
Number
The desired cylinder number.
ND
Non-DMA Mode
Flag
Write ‘0’. This part does not support non-DMA mode
OW
Overwrite
The bits D0-D3 of the Perpendicular Mode Command can only be
modified if OW is set to 1. OW id defined in the Lock command.
PCN
Present Cylinder
Number
The current position of the head at the completion of Sense Interrupt
Status command.
POLL
Polling Disable
When set, the internal polling routine is disabled. When clear, polling
is enabled.
PRETRK
Precompensation
Start Track
Number
Programmable from track 00 to FFH.
R
Sector Address
The sector number to be read or written. In multi-sector transfers,
this parameter specifies the sector number of the first sector to be
read or written.
RCN
Relative Cylinder
Number
Relative cylinder offset from present cylinder as used by the Relative
Seek command.
SC
Number of
Sectors Per Track
The number of sectors per track to be initialized by the Format
command. The number of sectors per track to be verified during a
Verify command when EC is set.
SK
Skip Flag
When set to 1, sectors containing a deleted data address mark will
automatically be skipped during the execution of Read Data. If Read
Deleted is executed, only sectors with a deleted address mark will be
accessed. When set to "0", the sector is read or written the same as
the read and write commands.
SRT
Step Rate Interval The time interval between step pulses issued by the FDC.
Programmable from 0.5 to 8 milliseconds in increments of 0.5 ms at
the 1 Mbit data rate. Refer to the SPECIFY command for actual
delays.
ST0
ST1
ST2
ST3
Status 0
Status 1
Status 2
Status 3
Registers within the FDC which store status information after a
command has been executed. This status information is available to
the host during the result phase after command execution.
WGATE
Write Gate
Alters timing of WE to allow for pre-erase loads in perpendicular
drives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com