công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC10D040EVAL bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC10D040EVAL
Giải thích chi tiết về linh kiện  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040EVAL bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC10D040EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AC Electrical Characteristics
OS = High (Parallel Mode)
The following specifications apply for V
A =VD = +3.3 VDC,VDR = +2.5VDC,VREF = 1.4 VDC, GAIN = OF = 0V, OS = +3.3V,
V
IN (a.c. coupled) = FSR = 1.0 VP-P,CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS =50
Ω,t
rc =tfc < 4 ns, NOT offset cor-
rected. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
45
40
MHz (min)
f
CLK2
Minimum Clock Frequency
20
MHz
Duty Cycle
50
45
55
% (min)
% (max)
Pipeline Delay (Latency)
2.5
Clock
Cycles
t
r,tf
Output Rise and Fall Times
9
ns
t
OC
OC Pulse Width
10
ns
t
OD
Output Delay from CLK Edge to
Data Valid
16
22
ns (max)
t
DIQ
I/Q Output Delay
13
ns
t
AD
Sampling (Aperture) Delay
2.2
ns
t
AJ
Aperture Jitter
<10
ps (rms)
t
VALID
Data Valid Time
16
ns
Overrange Recovery Time
Differential V
IN step from 1.5V to
0V
50
ns
t
WUPD
PD Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
< 1ms
t
WUSB
STBY Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
800
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (VIN < GND or VIN > VA or VD), the current at that pin should be limited to 25 mA. The 50 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax - TA )/θJA. In the 48-pin
TQFP,
θJA is 76˚C/W, so PDMAX = 1,645 mW at 25˚C and 855 mW at the maximum operating ambient temperature of 85˚C. Note that the power dissipation of this
device under normal operation will typically be about 307 mW (267 mW quiescent power + 40 mW due to 1 LVTTL load on each digital output). The values for
maximum power dissipation listed above will be reached only when the ADC10D040 is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: See AN450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device. However, errors in
the A/D conversion can occur if the input goes beyond the limits given in these tables.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com