công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC10D040EVAL bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC10D040EVAL
Giải thích chi tiết về linh kiện  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040EVAL bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC10D040EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC10D040EVAL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =VD = +3.3 VDC,VDR = +2.5 VDC,VREF = 1.4 VDC, GAIN = OF = 0V, OS = 3.3V, VIN
(a.c. coupled) = FSR = 1.4 V
P-P,CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS =50
Ω,t
rc =tfc < 4 ns, NOT offset cor-
rected. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
SFDR
Spurious Free Dynamic Range
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
72
dB
f
IN = 10.4 MHz, VIN = FSR −0.1 dB
72
dB
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
70
dB
IMD
Intermodulation Distortion
f
IN1 < 8.5 MHz, VIN = FSR −6.1 dB
f
IN2 < 9.5 MHz, VIN = FSR −6.1 dB
71
dB
Overrange Output Code
(V
IN+−VIN−) > 1.5V
1023
Underrange Output Code
(V
IN+−VIN−) < −1.5V
0
FPBW
Full Power Bandwidth
140
MHz
INTER-CHANNEL CHARACTERISTICS
Crosstalk
1 MHz input to tested channel, 10.3 MHz input
to other channel
−72
dB
Channel - Channel Aperture Delay
Match
f
IN = 8 MHz
8.5
ps
Channel - Channel Gain Matching
0.1
%FS
REFERENCE AND ANALOG CHARACTERISTICS
V
IN
Analog Differential Input Range
Gain Pin = AGND
1.4
V
P-P
Gain Pin = V
A
2.8
V
P-P
C
IN
Analog Input Capacitance (each
input)
Clock High
6
pF
Clock Low
3
pF
R
IN
Analog Differential Input
Resistance
13.5
k
Ω
V
REF
Reference Voltage
1.4
0.6
V (min)
1.6
V (max)
I
REF
Reference Input Current
<1µA
V
CMO
Common Mode Voltage Output
1 mA load to ground (sourcing current)
1.5
1.35
V (min)
1.6
V (max)
TC
V
CMO
Common Mode Voltage
Temperature Coefficient
30
ppm/˚C
DIGITAL INPUT CHARACTERISTICS
V
IH
Logical “1” Input Voltage
V
D = +3.0V
2.0
V (min)
V
IL
Logical “0” Input Voltage
V
D = +3.6V
0.5
V (max)
I
IH
Logical “1” Input Current
V
IH =VD
<1µA
I
IL
Logical “0” Input Current
V
IL = DGND
>−1
µA
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Logical “1” Output Voltage
V
DR = +2.5V, IOUT = −0.5 mA
V
DR
−0.2V
V (min)
V
OL
Logical “0” Output Voltage
V
DR = +2.5V, IOUT = 1.6 mA
0.4
V (max)
+I
SC
Output Short Circuit Source
Current
V
OUT =0V
Parallel Mode
−4.7
mA
Multiplexed Mode
−9
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
Parallel Mode
4.7
mA
Multiplexed Mode
9
mA
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD = LOW, STBY = LOW, d.c. input
70
80
mA (max)
PD = LOW, STBY = HIGH
10
mA
PD = HIGH, STBY = LOW or HIGH
0.1
mA
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com