| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9736BBC bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9736BBC bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 42 page ![]() Preliminary Technical Data AD9736/AD9735/AD9734 Rev. PrJ | Page 15 of 42 SPI REGISTER DESCRIPTIONS REG 00 -> MODE Reading REG 00 returns previously written values for all defined register bits unless otherwise noted. Reset value in bold text. ADR Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x00 MODE SDIO_DIR LSB/MSB RESET LONG_INS 2X MODE FIFO MODE DATAFRMT PD SDIO_DIR : WRITE -> 0, Input only per SPI standard 1, Bidirectional per SPI standard LSBFIRST : WRITE -> 0, MSB first per SPI standard 1, LSB first per SPI standard NOTE: Only change LSB/MSB order in single byte instructions to avoid erratic behavior due to bit order errors RESET : WRITE-> 0, Execute software reset of SPI and controllers, reload default register values EXCEPT registers 0x00 and 0x04 1, Set software reset prior to writing ‘0’ to execute the software reset LONG_INS : WRITE -> 0, Short (single-byte) instruction word 1, Long (two-byte) instruction word, not necessary since the maximum internal address is REG31 (0x1F) 2X_MODE : WRITE -> 0, Disable 2x Interpolation Filter 1, Enable 2x Interpolation Filter FIFO_MODE : WRITE -> 0, Disable FIFO synchronization 1, Enable FIFO synchronization DATAFRMT : WRITE -> 0, Signed input DATA with midscale = 0x0000 1, Unsigned input DATA with midscale = 0x2000 PD : WRITE -> 0, Enable LVDS Receiver, DAC and Clock Circuitry 1, Power down LVDS Receiver, DAC and Clock Circuitry REG 01 -> Interrupt Request (IRQ) Reading REG 01 returns previously written values for all defined register bits unless otherwise noted. Reset value in bold text. ADR Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x01 IRQ LVDS SYNC CROSS RESV’D IE_LVDS IE_SYNC IE_CROSS RESV’D LVDS : WRITE -> Don’t Care : READ -> 0, No active LVDS receiver interrupt 1, Interrupt in LVDS receiver occurred SYNC : WRITE -> Don’t Care : READ -> 0, No active SYNC logic interrupt 1, Interrupt in SYNC logic occurred CROSS : WRITE -> Don’t Care : READ -> 0, No active CROSS logic interrupt 1, Interrupt in CROSS logic occurred IE_LVDS : WRITE -> 0, Reset LVDS receiver interrupt and disable future LVDS receiver interrupts 1, Enable LVDS receiver interrupt to activate IRQ pin IE_SYNC : WRITE -> 0, Reset SYNC logic interrupt and disable future SYNC logic interrupts 1, Enable SYNC logic interrupt to activate IRQ pin IE_CROSS : WRITE -> 0, Reset CROSS logic interrupt and disable future CROSS logic interrupts 1, Enable CROSS logic interrupt to activate IRQ pin |