công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9736 bảng dữ liệu(PDF) 20 Page - Analog Devices

tên linh kiện AD9736
Giải thích chi tiết về linh kiện  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9736 bảng dữ liệu(HTML) 20 Page - Analog Devices

Back Button AD9736 Datasheet HTML 16Page - Analog Devices AD9736 Datasheet HTML 17Page - Analog Devices AD9736 Datasheet HTML 18Page - Analog Devices AD9736 Datasheet HTML 19Page - Analog Devices AD9736 Datasheet HTML 20Page - Analog Devices AD9736 Datasheet HTML 21Page - Analog Devices AD9736 Datasheet HTML 22Page - Analog Devices AD9736 Datasheet HTML 23Page - Analog Devices AD9736 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 20 of 42
SHORT INSTRUCTION MODE (8-BIT INSTRUCTION)
The short instruction byte is shown in Table 7.
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
A4
A3
A2
A1
A0
Table 7. SPI Instruction Byte
R/W
, Bit 7 of the instruction byte, determines whether a read or a
write data transfer will occur after the instruction byte write. Logic
high indicates read operation. Logic 0 indicates a write operation.
N1, N0
, Bits 6 and 5 of the instruction byte, determine the number
of bytes to be transferred during the data transfer cycle. The bit
decodes are shown in Table 8.
A4, A3, A2, A1, A0
, Bits 4, 3, 2, 1, 0 of the instruction byte,
determine which register is accessed during the data transfer
portion of the communications cycle. For multibyte transfers, this
address is the starting byte address. The remaining register
addresses are generated by the AD9736 based on the LSBFIRST bit
(REG00, bit 6).
N1
N2
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
Table 8. Byte Transfer Count
LONG INSTRUCTION MODE (16-BIT INSTRUCTION)
The long instruction bytes are shown in Table 7.
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
R/W
N1
N0
A12
A11
A10
A9
A8
I7
I6
I5
I4
I3
I2
I1
I0
A7
A6
A5
A4
A3
A2
A1
A0
Table 9. SPI Instruction Byte
If LONG_INS = 1 (REG00, bit 4) the instruction byte is extended to
two bytes where the second byte provides an additional 8 bits of
address information. Addresses 0x00 – 0x1F are equivalent in short
and long instruction modes. The AD9736 does not use any
addresses greater than 31 (0x1F) so always set LONG_INS = 0.
SERIAL INTERFACE PORT PIN DESCRIPTIONS
SCLK—Serial Clock
. The serial clock pin is used to synchronize
data to and from the AD9736 and to run the internal state
machines. SCLK’s maximum frequency is 20 MHz. All data input
to the AD9736 is registered on the rising edge of SCLK. All data is
driven out of the AD9736 on the rising edge of SCLK.
CSB—Chip Select
. Active low input starts and gates a
communication cycle. It allows more than one device to be used on
the same serial communications lines. The SDO and SDIO pins will
go to a high impedance state when this input is high. Chip select
should stay low during the entire communication cycle.
SDIO—Serial Data I/O
. Data is always written into the AD9736 on
this pin. However, this pin can be used as a bidirectional data line.
The configuration of this pin is controlled by SDIO_DIR at REG00,
bit 7. The default is Logic 0, which configures the SDIO pin as
unidirectional.
SDO—Serial Data Out
. Data is read from this pin for protocols
that use separate lines for transmitting and receiving data. In the
case where the AD9736 operates in a single bidirectional I/O mode,
this pin does not output data and is set to a high impedance stat
e.
MSB/LSB TRANSFERS
The AD9736 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by LSBFIRST at REG00, bit 6. The
default is MSB first (LSBFIRST = 0).
When LSBFIRST = 0 (MSB first) the instruction and data bytes
must be written from most significant bit to least significant bit.
Multibyte data transfers in MSB first format start with an
instruction byte that includes the register address of the most
significant data byte. Subsequent data bytes should follow in order
from high address to low address. In MSB first mode, the serial
port internal byte address generator decrements for each data byte
of the multibyte communication cycle.
When LSBFIRST = 1 (LSB first) the instruction and data bytes
must be written from least significant bit to most significant bit.
Multibyte data transfers in LSB first format start with an
instruction byte that includes the register address of the least
significant data byte followed by multiple data bytes. The serial port
internal byte address generator increments for each byte of the
multibyte communication cycle.
The AD9736 serial port controller data address will decrement
from the data address written toward 0x00 for multibyte I/O
operations if the MSB first mode is active. The serial port controller
address will increment from the data address written toward 0x1F
for multibyte I/O operations if the LSB first mode is active.
NOTES ON SERIAL PORT OPERATION
The AD9736 serial port configuration is controlled by REG00, bits
4, 5, 6 and 7. It is important to note that the configuration changes
immediately upon writing to the last bit of the register. For
multibyte transfers, writing to this register may occur during the
middle of communication cycle. Care must be taken to compensate
for this new configuration for the remaining bytes of the current
communication cycle. The same considerations apply to setting the
software reset, RESET (REG00, bit 5). All registers are set to their
default values EXCEPT REG00 and REG04 which remain
unchanged.
Use of only single byte transfers when changing serial port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com