| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNC-R-NiCAu-CF bảng dữ liệu(PDF) 11 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R-NiCAu-CF bảng dữ liệu(HTML) 11 Page - DDK Ltd. |
|
11 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○Assembly Instruction(3) Body Sleeve Boot Contact assembly 19 Outer Conductor Sheath Boot Sleeve Cable 7 4 4 10 Insulator Cente Conductor (Cut off afterpre-soldering) Outer Conductor Aluminum foil tape Body Boot Sleeve 1 Contact assembly Soldering Body Sleeve Boot Contact assembly 19 Outer Conductor Sheath Boot Sleeve Cable 7 4 4 10 Insulator Cente Conductor (Cut off afterpre-soldering) Outer Conductor Aluminum foil tape Body Boot Sleeve 1 Contact assembly Soldering ① ② ③ ④ ⑤ ① Insert the boot and sleeve into the cable and cut the cable as fig.1. Please be careful to not damage the outer conductor. ② Cut the cable as fig.2. Cut the center conductor after pre-soldering. ③ Insert the contact between outer conductor and aluminum foil tape. Solder the contact with center conductor. When the solder is stick out, please shave the extra solder along the contact. ④ Cover the sleeve on the outer conductor and crimp as fig.4. Crimp Tool : (CR-H-1105) ⑤ Insert the above contact into the body and screw. Cover the boot on the root of the body. 11 Parts Configulration |