| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNC-R-NiCAu-CF bảng dữ liệu(PDF) 9 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R-NiCAu-CF bảng dữ liệu(HTML) 9 Page - DDK Ltd. |
|
9 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○ Assembly Instruction(1) ① Insert the heat-shrinkable tube onto the cable. Cut the cable as fig.1. Please be careful to not damage the outer conductor. ① ② Insert the ferule on the outer conductor and spread the top of the outer conductor. Insert the sleeve between insulator and outer conductor. And cut the outer conductor along the sleeve. ② ③ ③ Cut the insulator as fig. 3. Please be careful to not damage the center conductor. Pre-solder the center conductor and cut the center conductor. Please be careful to not damage the insulator by soldering. Insert the insulator as fig.3. ④ Solder up the contact with center conductor. No gap between insulator and contact. ④ ⑤ ⑥ ⑤ Insert the body into the above cable assembly. And crimp the root of the body. Please be careful to meet the crimp height as follows. ⑥ Cover the heat-shrinkable tube on the root of the body and heat up. 9 Parts Configulration Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Note)Distance between body and contact must be met. L Cable length Heat-shrinkable tube Ferule Sleeve Insulator Contact Body L1 14.7±0.5 Outer Conductor Heat-shrinkable tube Sheath Insulator Ferule Sleeve Center Conductor Insulator No gap Contact Soldering Measuring point (3.1) Heat-shrinkable tube Dies A 6.2 0-0.5 4+0.2 -0.3 Insulator Outer Conductor 5.33~5.84 (between body and contact) L2 (Pre-soldering) A Cable length which require for the cable assembly. L=L1-3.3 L=L2+19.7 |