| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC58FVM5B2AXB65 bảng dữ liệu(PDF) 46 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC58FVM5B2AXB65 bảng dữ liệu(HTML) 46 Page - Toshiba Semiconductor |
|
46 / 63 page ![]() TC58FVM5(T/B)(2/3)A(FT/XB)65 2003-01-29 46/63 Block Protect 2 BPA: Block Address and ID Read Address (A6, A1, A0) ID Read Address = (0, 1, 0) No No Block Protect 2 Command First Bus Write Cycle (XXXh/60h) Verify Block Protect Start PLSCNT = 25? Protect Another Block? Wait for 100 µs Remove VID from RESET Yes No Yes Set up Address Addr. = BPA PLSCNT = 1 Remove VID from RESET PLSCNT = PLSCNT + 1 Wait for 4 µs RESET = VID Block Protect 2 Command Second Bus Write Cycle (BPA/60h) Block Protect 2 Command Third Bus Write Cycle (XXXh/40h) Yes Data = 01h? Reset Command Block Protect Complete Reset Command Device Failed |