| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCN68652 bảng dữ liệu(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCN68652 bảng dữ liệu(HTML) 24 Page - NXP Semiconductors |
|
24 / 28 page ![]() NOTES: 1. Controlling dimension: Inches. Millimeters are 2. Dimension and tolerancing per ANSI Y14. 5M-1982. 3. “T”, “D”, and “E” are reference datums on the body 4. These dimensions measured with the leads 5. Pin numbers start with Pin #1 and continue 6. Denotes window location for EPROM products. and include allowance for glass overrun and meniscus on the seal line, and lid to base mismatch. constrained to be perpendicular to plane T. counterclockwise to Pin #40 when viewed shown in parentheses. from the top. – D – PIN # 1 – E – 0.225 (5.72) MAX. 0.010 (0.254) TE D 0.023 (0.58) 0.015 (0.38) 0.165 (4.19) 0.125 (3.18) 0.070 (1.78) 0.050 (1.27) – T – SEATING PLANE 0.620 (15.75) 0.590 (14.99) (NOTE 4) 0.598 (15.19) 0.571 (14.50) BSC 0.600 (15.24) 0.695 (17.65) 0.600 (15.24) (NOTE 4) 0.015 (0.38) 0.010 (0.25) 0.175 (4.45) 0.145 (3.68) 0.055 (1.40) 0.020 (0.51) 0.100 (2.54) BSC 2.087 (53.01) 2.038 (51.77) 0.098 (2.49) 0.040 (1.02) 0.098 (2.49) 0.040 (1.02) SEE NOTE 6 |