| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCN68652 bảng dữ liệu(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCN68652 bảng dữ liệu(HTML) 19 Page - NXP Semiconductors |
|
19 / 28 page ![]() Philips Semiconductors Product specification SCN2652/SCN68652 Multi-protocol communications controller (MPCC) 1995 May 01 19 TIMING DIAGRAMS (Continued) TRANSMIT – END OF BOP MESSAGE TxC MARK TxSO DBEN LOAD LAST CHAR SET TEOM RESET TEOM TxE2 TxA3 NOTES: 1. TxBE goes low relative to the falling edge of DBEN corresponding to loading TDSRH/L. It goes high one TxC before character transmission begins and also when TxA has been dropped. 2. TxE can be dropped before resetting TEOM if TxBE (corresponding to the closing FLAG) is high. Alternatively TxE can remain high and a new message initiated. 3. TxA goes low after TxE has been dropped and 1 1/2 TxC’s after the last bit of the closing FLAG has been transmitted. FLAG CRC LAST CHAR NEXT TO LAST CHAR TxBE1 SD00068 Figure 13. Timing Diagrams (cont.) TRANSMIT TIMING – END OF BCP MESSAGE TxC MARK TxSO DBEN LOAD LAST CHAR SET TEOM RESET TEOM TxE TxA NOTE: 1. When SCN2652 generated CRC is not required. TEOM should only be set if SYNCs are to follow the message block. In that case, TxE should be dropped in response to TxBE (which corresponds to the start of transmission of the last character). When CRC is required, TxE must be dropped before CRC transmission is complete. Otherwise, the contents of TxDB will be shifted out on TxSO. This facilitates transmission of contiguous messages. CRC1 LAST CHAR NEXT TO LAST CHAR TxBE SD00069 Figure 14. Timing Diagrams (cont.) |