| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P242393 bảng dữ liệu(PDF) 8 Page - Advanced Semiconductor |
|
|
|||||||||||||||||||||||||||||
P242393 bảng dữ liệu(HTML) 8 Page - Advanced Semiconductor |
|
8 / 9 page ![]() HVV1012-550 High Voltage, High Ruggedness L-Band High Power Pulsed Transistor 1025-1150 MHz, 10µs Pulse, 1% Duty For Airborne DME Applications Part Description Part Number Manufacturer C1, C2: 39 pF AVX 805 Chip Capacitor 712-1388-1-ND Digi Key C3,C7: 39 pF ATC 1210 100B Chip Capacitor 478-2646-1-ND Digi Key C4: 1K pF 100V Chip Capacitor (X7R 1206) 399-1222-2-ND Digi Key C5, C8: 10K pF 100V Chip Capacitor (X7R 1206) 399-1236-2-ND Digi Key C6: 10 uF 6V Tantalum SMD 478-3134-1-ND Digi Key C9, C10: 220 uF 63V Elect FK SMD PCE3484TR-ND Digi Key R1: 470 Ohms Chip Resistor (1206) 311-470ERCT-ND Digi Key R2: 100 K Ohms Chip Resistor (1206) 311-100KERCT-ND Digi Key RF Connectors Type "N" RF connectors 5919CC-TB-7 Coaxicom DC Drain Conn Connector Jack Banana Nylon Red J151-ND DIGI-KEY DC Ground Conn.Connector Jack Banana Nylon Black J152-ND DIGI-KEY DC Gate Conn. Connector Jack Banana Nylon Green J153-ND DIGI-KEY PCB Board PCB: 25 mils thick, 10.2 Dielectric, 1 oz Copper DS Electronics Device Clamp HV800 Package Nylon Clamp Foot FXT000116 Cool Innovation Heat Sink Cool Innovations Aluminum Heat Sink 3-252510RS3411 Cool Innovation S.S. Screws (4) 4-40 X 1/4 Stainless Steel Socket Hex Head P242393 Copper State Bolt Alloy Screws (4) 4-40 X 1/2 Alloy Socket Cap screw Hex Head SCAS-0440-08C Small Parts Inc Metal Washer (6) #4 Washer Zinc PLTD Steel Lock ZSLW-004-M Small Parts Inc Alloy Screws (2) 4-40 X 3/4 Alloy Socket Cap Screw Head SCAS-0440-12M Small Parts Inc Demonstration Board Outline Demonstration Circuit Board Picture HVV1012-550 Demonstration Circuit Board Bill of Materials |