công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P242393 bảng dữ liệu(PDF) 5 Page - Advanced Semiconductor

tên linh kiện P242393
Giải thích chi tiết về linh kiện  Excellent Thermal Stability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASI [Advanced Semiconductor]
Trang chủ  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

P242393 bảng dữ liệu(HTML) 5 Page - Advanced Semiconductor

  P242393 Datasheet HTML 1Page - Advanced Semiconductor P242393 Datasheet HTML 2Page - Advanced Semiconductor P242393 Datasheet HTML 3Page - Advanced Semiconductor P242393 Datasheet HTML 4Page - Advanced Semiconductor P242393 Datasheet HTML 5Page - Advanced Semiconductor P242393 Datasheet HTML 6Page - Advanced Semiconductor P242393 Datasheet HTML 7Page - Advanced Semiconductor P242393 Datasheet HTML 8Page - Advanced Semiconductor P242393 Datasheet HTML 9Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS18A
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
07/15/2010
Phoenix, Az. 85044
© 2009 HVVi Semiconductors, Inc. All Rights Reserved.
5
HVV1012-550 High Voltage, High Ruggedness
L-Band High Power Pulsed Transistor
1025-1150 MHz, 10µs Pulse, 1% Duty
For Airborne DME Applications
!
!
!
!!!!!!!!!!!!
!
Typical device performance under Class AB mode of operation and RF pulse conditions of 10µs pulse width
and 1% duty cycle with VDD = 50V and IDQ = 100mA. The device was measured at an input power of 12W.
!
!!!!!!!!!!!!
!
Typical device performance under Class AB mode of operation and RF pulse conditions of 10µs pulse width
and 1% duty cycle with VDD = 50V and IDQ = 100mA. The device was measured at an input power of 12W.



Html Pages

1 2 3 4 5 6 7 8 9