| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9262BCPZ bảng dữ liệu(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9262BCPZ bảng dữ liệu(HTML) 30 Page - Analog Devices |
|
30 / 33 page ![]() AD9262 Rev. A | Page 29 of 32 Table 24. Chebyshev II Filter Components Parameter Value Unit Manufacturer C1 18 pF Murata GRM188 series, 0603 L1 180 nH Coil Craft 0603 LS, 2% C2 390 pF Murata GRM188 series, 0603 C3 150 pF Murata GRM188 series, 0603 In addition to matching the profile of Figure 62, group delay and channel matching are important filter design criteria. Low tolerance components are highly recommended for improved channel matching, which translates to minimal degradation in image rejection for quadrature systems. |