công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9262BCPZ bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện AD9262BCPZ
Giải thích chi tiết về linh kiện  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9262BCPZ bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button AD9262BCPZ Datasheet HTML 24Page - Analog Devices AD9262BCPZ Datasheet HTML 25Page - Analog Devices AD9262BCPZ Datasheet HTML 26Page - Analog Devices AD9262BCPZ Datasheet HTML 27Page - Analog Devices AD9262BCPZ Datasheet HTML 28Page - Analog Devices AD9262BCPZ Datasheet HTML 29Page - Analog Devices AD9262BCPZ Datasheet HTML 30Page - Analog Devices AD9262BCPZ Datasheet HTML 31Page - Analog Devices AD9262BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AD9262
Rev. A | Page 27 of 32
HARDWARE INTERFACE
The pins described in Table 22 comprise the physical interface
between the programming device of the user and the serial port
of the AD9262. The SCLK and CSB pins function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
PROM or PIC microcontrollers. This provides the user with the
ability to use an alternate method to program the ADC. One
such method is described in detail in the AN-812 Application
Note, MicroController-Based Serial Port Interface (SPI) Boot
Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33