| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9689 bảng dữ liệu(PDF) 95 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9689 bảng dữ liệu(HTML) 95 Page - Analog Devices |
|
95 / 134 page ![]() Data Sheet AD9689 Rev. A | Page 95 of 134 Table 42. Physical Layer 10-Bit Input (Register 0x0573, Bits[5:4] = 2'b01) 10-Bit Symbol Number Alternating Checkerboard 1/0 Word Toggle Ramp PN9 PN23 User Repeat User Single 0 0x155 0x000 (x) % 210 0x125 0x3FD UP1[15:6] UP1[15:6] 1 0x2AA 0x3FF (x + 1) % 210 0x2FC 0x1C0 UP2[15:6] UP2[15:6] 2 0x155 0x000 (x + 2) % 210 0x26A 0x00A UP3[15:6] UP3[15:6] 3 0x2AA 0x3FF (x + 3) % 210 0x198 0x1B8 UP4[15:6] UP4[15:6] 4 0x155 0x000 (x + 4) % 210 0x031 0x028 UP1[15:6] 0x000 5 0x2AA 0x3FF (x + 5) % 210 0x251 0x3D7 UP2[15:6] 0x000 6 0x155 0x000 (x + 6) % 210 0x297 0x0A6 UP3[15:6] 0x000 7 0x2AA 0x3FF (x + 7) % 210 0x3D1 0x326 UP4[15:6] 0x000 8 0x155 0x000 (x + 8) % 210 0x18E 0x10F UP1[15:6] 0x000 9 0x2AA 0x3FF (x + 9) % 210 0x2CB 0x3FD UP2[15:6] 0x000 10 0x155 0x000 (x + 10) % 210 0x0F1 0x31E UP3[15:6] 0x000 11 0x2AA 0x3FF (x + 11) % 210 0x3DD 0x008 UP4[15:6] 0x000 Table 43. Scrambler 8-Bit Input (Register 0x0573, Bits[5:4] = 2'b10) 8-Bit Octet Number Alternating Checkerboard 1/0 Word Toggle Ramp PN9 PN23 User Repeat User Single 0 0x55 0x00 (x) % 28 0x49 0xFF UP1[15:9] UP1[15:9] 1 0xAA 0xFF (x + 1) % 28 0x6F 0x5C UP2[15:9] UP2[15:9] 2 0x55 0x00 (x + 2) % 28 0xC9 0x00 UP3[15:9] UP3[15:9] 3 0xAA 0xFF (x + 3) % 28 0xA9 0x29 UP4[15:9] UP4[15:9] 4 0x55 0x00 (x + 4) % 28 0x98 0xB8 UP1[15:9] 0x00 5 0xAA 0xFF (x + 5) % 28 0x0C 0x0A UP2[15:9] 0x00 6 0x55 0x00 (x + 6) % 28 0x65 0x3D UP3[15:9] 0x00 7 0xAA 0xFF (x + 7) % 28 0x1A 0x72 UP4[15:9] 0x00 8 0x55 0x00 (x + 8) % 28 0x5F 0x9B UP1[15:9] 0x00 9 0xAA 0xFF (x + 9) % 28 0xD1 0x26 UP2[15:9] 0x00 10 0x55 0x00 (x + 10) % 28 0x63 0x43 UP3[15:9] 0x00 11 0xAA 0xFF (x + 11) % 28 0xAC 0xFF UP4[15:9] 0x00 Data Link Layer Test Modes The data link layer test modes are implemented in the AD9689 as defined by Section 5.3.3.8.2 in the JEDEC JESD204B speci- fication. These tests are shown in Register 0x0574, Bits[2:0]. Test patterns inserted at this point are useful for verifying the functionality of the data link layer. When the data link layer test modes are enabled, disable SYNCINB± by writing 0xC0 to Register 0x0572. |