công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9689 bảng dữ liệu(PDF) 83 Page - Analog Devices

tên linh kiện AD9689
Giải thích chi tiết về linh kiện  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9689 bảng dữ liệu(HTML) 83 Page - Analog Devices

Back Button AD9689 Datasheet HTML 79Page - Analog Devices AD9689 Datasheet HTML 80Page - Analog Devices AD9689 Datasheet HTML 81Page - Analog Devices AD9689 Datasheet HTML 82Page - Analog Devices AD9689 Datasheet HTML 83Page - Analog Devices AD9689 Datasheet HTML 84Page - Analog Devices AD9689 Datasheet HTML 85Page - Analog Devices AD9689 Datasheet HTML 86Page - Analog Devices AD9689 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 83 of 134
DETERMINISTIC LATENCY
Both ends of the JESD204B link contain various clock domains
distributed throughout each system. Data traversing from one
clock domain to a different clock domain can lead to ambiguous
delays in the JESD204B link. These ambiguities lead to non-
repeatable latencies across the link from one power cycle or link
reset to the next. Section 6 of the JESD204B specification
addresses the issue of deterministic latency with mechanisms
defined as Subclass 1 and Subclass 2.
The AD9689 supports JESD204B Subclass 0 and Subclass 1
operation. Register 0x0590, Bits[7:5] set the subclass mode for the
AD9689 and its default is set for Subclass 1 operating mode
(Register 0x0590, Bit 5 = 1). If deterministic latency is not a
system requirement, Subclass 0 operation is recommended and
the SYSREF signal may not be required. Even in Subclass 0
mode, the SYSREF signal may be required in an application
where multiple AD9689 devices must be synchronized with
each other. This topic is addressed in the Timestamp Mode
section.
SUBCLASS 0 OPERATION
If there is no requirement for multichip synchronization while
operating in Subclass 0 mode (Register 0x0590, Bits[7:5] = 0
decimal), the SYSREF input can be left disconnected. In this mode,
the relationship of the JESD204B clocks between the JESD204B
transmitter and receiver are arbitrary, but does not affect the ability
of the receiver to capture and align the lanes within the link.
SUBCLASS 1 OPERATION
The JESD204B protocol organizes data samples into octets, frames,
and multiframes as described in the Transport Layer section.
The LMFC is synchronous with the beginnings of these
multiframes. In Subclass 1 operation, the SYSREF signal
synchronizes the LMFCs for each device in a link or across
multiple links (within the AD9689, SYSREF also synchronizes
the internal sample dividers), as shown in Figure 143. The
JESD204B receiver uses the multiframe boundaries and
buffering to achieve consistent latency across lanes (or even
multiple devices), and to achieve a fixed latency between power
cycles and link reset conditions.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic
latency in a JESD204B Subclass 1 system.
•
SYSREF± signal distribution skew within the system must
be less than the desired uncertainty for the system.
•
SYSREF± setup and hold time requirements must be met
for each device in the system.
•
The total latency variation across all lanes, links, and
devices must be ≤1 LMFC periods (see Figure 143). This
includes both variable delays and the variation in fixed
delays from lane to lane, link to link, and device to device
in the system.
SYSREF ALIGNED
GLOBAL LMFC
ALL LMFCs
DATA
DEVICE CLOCK
SYSREF
ILAS
DATA
SYSREF TO LMFC DELAY
POWER CYCLE VARIATION
(MUST BE <
tLMFC)
Figure 143. SYSREF and LMFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com