công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

US1A bảng dữ liệu(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

tên linh kiện US1A
Giải thích chi tiết về linh kiện  1.0A SURFACE MOUNT ULTRAFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Trang chủ  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

US1A bảng dữ liệu(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  US1A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd US1A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-65 to +150
°C
1.0A SURFACE MOUNT ULTRAFAST DIODE
50
75
nS
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
1.0
1.4
1.7
V
Characteristic
Symbol
US1A
US1B
US1D
US1G
US1J
US1K US1M
Unit
US1A – US1M
Features
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop, High Efficiency
!
Surge Overload Rating to 30A Peak
D
!
Low Power Loss
A
!
Ultra-Fast Recovery Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMA/DO-214AC, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
O
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.20
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm
1 of 2
US1A – US1M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
65°C
I
verage Rectified Output Current
@T =
Alldatasheet


Số phần tương tự - US1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Mô tả tương tự - US1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zibo Seno Electronic En...
UF1A ZSELEC-UF1A Datasheet
170Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
EGF1A ZSELEC-EGF1A Datasheet
150Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
HS1AL ZSELEC-HS1AL Datasheet
117Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
GU1A ZSELEC-GU1A Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
US1AF ZSELEC-US1AF Datasheet
90Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110 ZSELEC-MURS110 Datasheet
142Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110A ZSELEC-MURS110A Datasheet
133Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT01-50 ZSELEC-SMBYT01-50 Datasheet
159Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05_V01 Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com