công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1850CFW bảng dữ liệu(PDF) 20 Page - Linear Technology

tên linh kiện LTC1850CFW
Giải thích chi tiết về linh kiện  8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1850CFW bảng dữ liệu(HTML) 20 Page - Linear Technology

Back Button LTC1850CFW Datasheet HTML 16Page - Linear Technology LTC1850CFW Datasheet HTML 17Page - Linear Technology LTC1850CFW Datasheet HTML 18Page - Linear Technology LTC1850CFW Datasheet HTML 19Page - Linear Technology LTC1850CFW Datasheet HTML 20Page - Linear Technology LTC1850CFW Datasheet HTML 21Page - Linear Technology LTC1850CFW Datasheet HTML 22Page - Linear Technology LTC1850CFW Datasheet HTML 23Page - Linear Technology LTC1850CFW Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1850/LTC1851
18501f
APPLICATIO S I FOR ATIO
CONVST
CS = RD = LOW
BUSY
DATA
DATA (N – 1)
DATA N
1851 F06
t13
t6
t6
t7
t8
tCONV
t5
Figure 6. Mode 1b CONVST Starts a Conversion. Data is Read by RD
CONVST
CS = RD = LOW
BUSY
t6
t7
DATA
DATA (N – 1)
DATA N
1851 F05
t5
tCONV
t8
Figure 5. Mode 1a CONVST Starts a Conversion. Data Outputs Always Enabled
Figures 5 through 9 show several different modes of
operation. In modes 1a and 1b (Figures 5 and 6),
CS and RD are both tied low. The falling edge of
CONVST starts the conversion. The data outputs are
always enabled and data can be latched with the
BUSY rising edge. Mode 1a shows operation with a narrow
logic low CONVST pulse. Mode 1b shows a narrow logic
high CONVST pulse.
In mode 2 (Figure 7), CS is tied low. The falling edge of
CONVST signal again starts the conversion. Data outputs
are in three-state until read by the MPU with the
RD signal. Mode 2 can be used for operation with a shared
MPU databus.
In slow memory and ROM modes (Figures 8 and 9), CS is
tied low and CONVST and RD are tied together. The MPU
starts the conversion and reads the output with the RD
signal. Conversions are started by the MPU or DSP (no
external sample clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com