công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-HT bảng dữ liệu(PDF) 39 Page - IC-Haus GmbH

tên linh kiện IC-HT
Giải thích chi tiết về linh kiện  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT bảng dữ liệu(HTML) 39 Page - IC-Haus GmbH

Back Button IC-HT_15 Datasheet HTML 35Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 36Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 37Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 38Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 39Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 40Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 41Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 42Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 43Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 39/45
Register
Address
Bits
Default
Description
INITRAM
0x00
0
R/O
RAM initialized.
PDOVDD
0x00
1
R/O
Power-down event at VDD
MEMERR
0x00
2
R/O
RAM memory validation error
OVT
0x00
3
R/O
Overtemperature event
OVC2
0x00
4
R/O
Overcurrent at channel 2
OVC1
0x00
5
R/O
Overcurrent at channel 1
OSCERR
0x00
6
R/O
Oscillator error (watchdog set)
CFGTIMO
0x00
7
R/O
Configuration mode timeout event
MAPC1
0x01
0
R/O
Channel 1 current state
MONC1
0x01
1
R/O
Monitor channel 1 enabled at least once (latched)
LDKSAT1
0x01
2
R/O
Channel 1 LDK saturation event
MAPC2
0x01
4
R/O
Channel 2 current state
MONC2
0x01
5
R/O
Monitor channel 2 enabled at least once (latched)
LDKSAT2
0x01
6
R/O
Channel 2 LDK saturation event
Table 72: Status overview
Register
Address
Bits
Default
Description
TEMP
0x02
7:0
R/O
Chip temperature measurement
ADC1h
0x03
1:0
R/O
Channel 1 ADC 9:8 readout
ADC1l
0x04
7:0
R/O
Channel 1 ADC 7:0 readout
ADC2h
0x05
1:0
R/O
Channel 2 ADC 9:8 readout
ADC2l
0x06
7:0
R/O
Channel 2 ADC 7:0 readout
CHIPREV
0x0F
7:0
R/O
Chip revision identification
Table 73: Measurement overview
Device identification
CHIPREV
Addr. 0x0F; bit 7:0
R
0x00
Initial version iC-HT
0x01
iC-HT_1
0x02
iC-HT_Z
0x08
Reserved
Table 74: Device identification
Status
INITRAM
Addr. 0x00; bit 0
R
0
RAM not initialized since last read
1
RAM initialized. Cleared on read
Table 75: RAM initialization
PDOVDD
Addr. 0x00; bit 1
R
0
VDD power down not occurred since last read
1
VDD power down event has occurred. Cleared on
read
Table 76: VDD power down
MEMERR
Addr. 0x00; bit 2
R
0
RAM has not been changed since last validation
1
RAM has changed and has not been validated
Table 77: Memory validation
OVT
Addr. 0x00; bit 3
R
0
No overtemperature event has occurred since last
read
1
Overtemperature event has occurred. Cleared on
read
Table 78: Overtemperature
OVC2
Addr. 0x00; bit 4
R
0
No overcurrent event at channel 2 has occurred
since last read
1
Overcurrent event at channel 2 has occurred.
Cleared on read
Table 79: Overcurrent channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com