công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-HT bảng dữ liệu(PDF) 21 Page - IC-Haus GmbH

tên linh kiện IC-HT
Giải thích chi tiết về linh kiện  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT bảng dữ liệu(HTML) 21 Page - IC-Haus GmbH

Back Button IC-HT_15 Datasheet HTML 17Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 18Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 19Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 20Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 21Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 22Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 23Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 24Page - IC-Haus GmbH IC-HT_15 Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 21/45
COMBINING BOTH CHANNELS
iC-HT can drive one laser diode up to 1500 mA with
both channels combined.
Therefore register bit MERGE must be set to 1. Dis-
able channel register bits DISC1 and DISC2 must both
be set to 0 and both enable channel pins EC1 and EC2
must be set hi.
MERGE
Addr. 0x1B; bit 6
R/W 0
0
Channel 1 and 2 operate independently
1
Power transistor from channel 2 in parallel with
channel 1, controlled by channel 1
Table 43: Channel merging
When both channels are combined the control is done
by channel 1. APC and ACC can both be used with
both channels combined. In ACC mode, the reference
needs be set to 50% of the desired current value. This
is not required for APC.
ACC typical current settings with MERGE = 1
REF1
RACCx=0
RACCx=1
RMERGE=1
MERGE=1
0x000
144.0 mA
18.12 mA
0x001
144.4 mA
18.16 mA
0x010
144.8 mA
18.20 mA
...
...
...
0x200
512.4 mA
60.28 mA
0x201
513.6 mA
60.42 mA
0x202
514.8 mA
60.56 mA
...
...
...
0x3FD
1692.0 mA
199.54 mA
0x3FE
1696.0 mA
199.54 mA
0x3FF
1700.0 mA
200 mA
Table 44: ACC typical current settings with
MERGE = 1
REF2(7:0)
PLR1
D
A
A
10 Bit
ADCC1(2:0)
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
0x13
REF1(9:8)
RMD1(7:0)
D
REGISTERS
SPI/I2C
TEMP(7:0)
0x11
ILIM1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
RAM
LASER CHANNEL 1
R
D
A
8 Bit
OVC
MEMERR
0x19
RMD2(7:0)
INTEGRITY
OVT
0x04
ADC1(7:0)
0x10
0x1F
0x30
0x3F
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
0x02
1μF
255
0
RM1
0x03
ADC1(9:8)
..10 nF..
0x10
10 Bit
APC
8 Bit
ACC
IO DRIVERS
SLAVE
RAM
REF1(7:0)
0x12
1μF
ILIM2(7:0)
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
PODO
MONITOR 8 Bit
0x18
REF2(9:8)
0x17
I LDK
N
+
-
CI1
CVB
CVDD
+
-
GND
VDD
VB
REF
ADSNF1
EACC1
OVC1
DISP1
EMC
MDA1
AGND2
LDK2
CI
VB
LDK1
CIL1
AGND1
CI2
MDA2
CIL2
MRL2
MRL1
CI1
CI
ECIE1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MISO/SDA
SCLK/SCL
MOSI/A0
NCS/A1
EC2
VDD
VB
LDK1
EMC
T.PAD
I LDK
N
CVB
CVDD
CI1
Figure 11: Combining both channels
In combined mode, the internal CI nodes of both chan-
nels are connected together. If required, an external
capacitor on channel 1 can be used for improved sta-
bility. It is possible to have an additional external ca-
pacitor on channel 2 if ECIE2 bit is set to 1. Having an
external capacitor on channel 2 and none on channel
1 is invalid.
On combined operation both overcurrent thresholds
are active. The overcurrent threshold channel 1 needs
to be set to to 50% and the overcurrent threshold chan-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com