công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP104S5 bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện LP104S5
Giải thích chi tiết về linh kiện  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 10Page - NXP Semiconductors LP104S5 Datasheet HTML 11Page - NXP Semiconductors LP104S5 Datasheet HTML 12Page - NXP Semiconductors LP104S5 Datasheet HTML 13Page - NXP Semiconductors LP104S5 Datasheet HTML 14Page - NXP Semiconductors LP104S5 Datasheet HTML 15Page - NXP Semiconductors LP104S5 Datasheet HTML 16Page - NXP Semiconductors LP104S5 Datasheet HTML 17Page - NXP Semiconductors LP104S5 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
14
14//23
23
pixels displaying white. For more information see FIG 1.
3. The variation in surface luminance,
δδ WHITE is determined by measuring L
ON at each test
position 1 through 5, and then dividing the maximum LON of 5 points luminance by minimum
LON of 5 points luminance. For more information see FIG 2.
δδ WHITE
Maximum (LON1, LON2, ....LON5)
÷ Minimum (L
ON1, LON2, ....LON5)
4. Response time is the time required for the display to transition from white to black (Rise Time,
TrR) and from black to white (Decay Time, TrD). For additional information see FIG 3.
5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which
is normal to the LCD surface. For more information see FIG 4.
6.Gray scale specification.
* Gamma Value = 2.2
Gray Level
Luminance(%) (Typ.)
L0
TBD
TBD
L7
TBD
TBD
L15
TBD
TBD
L23
TBD
TBD
L31
TBD
TBD
L39
TBD
TBD
L47
TBD
TBD
L55
TBD
TBD
L63
100
100
FIG. 2 Luminance
<measuring point for luminance variation>
<measuring point for surface luminance >
400
400
600
600
400
400
200
200
1150
50
33
22
11
300
300
55
44
300
300
450
450
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24