| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP104S5 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LP104S5 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 24 page ![]() LP104S5 LP104S5--A2VT A2VT Liquid Crystal Display Liquid Crystal Display Product Specification Product Specification Ver Ver 0.0 0.0 Oct.06. Oct.06. 2000 2000 Page Page 12 12//23 23 3-6. Power Sequence Parameter Values Units Min. Typ. Max. T1 T2 T3 T4 T5 T6 T7 - 0 200 200 0 - 400 - - - - - - - 10 50 - - 50 10 - ms Notes: 1. Please avoid floating state of interface signal at invalid period. 2. When the interface signal is invalid, be sure to pull down the power supply for LCD VCC to 0V. 3. Lamp power must be turn on after power supply for LCD and interface signal are valid. Interface Signal, Vi (LVDS Signal of Transmitter) Power for Lamp Power Supply For LCD VCC 90% 90% 10% 10% 0V 0V TT66 10% 10% 90% 90% TT11 TT22 TT55 TT77 Valid Valid Data Data 0V 0V OFF OFF OFF OFF LAMP ON LAMP ON TT33 TT44 Alpha Point Ltd. Vernissakatu 8A 01300 Vantaa, Finland Tel.: +358-9-34 64 34 1 Fax: +358-9-34 64 34 2 http://www.alpha.fi |