công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G920AT25U bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện G920AT25U
Giải thích chi tiết về linh kiện  150mA Micro-power LDO Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

G920AT25U bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  G920AT25U Datasheet HTML 1Page - List of Unclassifed Manufacturers G920AT25U Datasheet HTML 2Page - List of Unclassifed Manufacturers G920AT25U Datasheet HTML 3Page - List of Unclassifed Manufacturers G920AT25U Datasheet HTML 4Page - List of Unclassifed Manufacturers G920AT25U Datasheet HTML 5Page - List of Unclassifed Manufacturers G920AT25U Datasheet HTML 6Page - List of Unclassifed Manufacturers G920AT25U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ver 0.0 Preliminary
Mar 27, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G920
Global Mixed-mode Technology Inc.
150mA Micro-power LDO Regulators
Features
Supply Current at No-Load is 55µA
Minimum Over-Current Limit: 150mA
Dropout Voltage is 70mV @ 50mA Load
Built-in Over-Temperature Protection
Fixed: 3.3V Output
Max. Supply Current in Shutdown Mode < 1µA
Output Noise is 210µVRMS from 10Hz to 1MHz
Applications
Notebook Computers
Cellular Phones
PDA
Hand-Held Devices
General Description
The G920 is a low supply current, low dropout linear
regulator that comes in a space saving SO-8 package.
The supply current at no-load is 55µA. In the shut-
down mode, the maximum supply current is less than
1µA. operating voltage range of the G920 is from 3.6V
to 6.5V. The over-current protection limit is set at
250mA typical and 150mA minimum. An over-tem-
perature protection circuit is built-in in the G920 to
prevent
thermal
overload.
These
power
saving
features make the G920 ideal for use in the bat-
tery-powered applications such as notebook com-
puters, cellular phones, and PDA’s.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
G920
-40°C~ +85°C
SOP- 8
Pin Configuration
Typical Operating Circuit
GND
GND
8 Pin SOP
G920
8
5
1
NC
2
4
IN
EN
IN
OUT
GND
EN
G920
C
IN
1µF
C
OUT
1µF
Fixed mode
3
GND
6
GND
7
OUT
V
IN
5V
V
OUT
3.3V/150mA
GND
GND
8 Pin SOP
G920
8
5
1
NC
2
4
IN
EN
IN
OUT
GND
EN
G920
C
IN
1µF
C
OUT
1µF
Fixed mode
3
GND
6
GND
7
OUT
V
IN
5V
V
OUT
3.3V/150mA


Số phần tương tự - G920AT25U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G920AT25U GMT-G920AT25U Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
More results

Mô tả tương tự - G920AT25U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
SOT23-6 150mA 2ch LDO REGULATORS?
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com