công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AWG2017 bảng dữ liệu(PDF) 3 Page - Advanced Semiconductor Business Inc.

tên linh kiện AWG2017
Giải thích chi tiết về linh kiện  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASB [Advanced Semiconductor Business Inc.]
Trang chủ  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG2017 bảng dữ liệu(HTML) 3 Page - Advanced Semiconductor Business Inc.

  AWG2017 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
ASB Inc.
 sales@asb.co.kr
January 2017
AWG2017
2.4
Absolute Maximum Ratings
Parameters
Max. Ratings
Operation Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+4.5 V
Operation Junction Temperature
+150
C
Input RF Power (At 2000 MHz, CW, 50
 matched)*
+ 27 dBm
*Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and matching circuit.
2.5
Thermal Resistance
Symbol
Description
Typ
Unit
Rth
Thermal resistance from junction to lead
80
C/W
2.6
ESD Classification & Moisture Sensitivity Level
ESD Classification
HBM
Class 1B
Voltage Level: 750 V
MM
Class A
Voltage Level: 100 V
CAUTION: Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can
be damaged by static electricity. Proper ESD control techniques should be used when
handling these devices.
Moisture Sensitivity Level
MSL 3 at 260
C reflow
(Intentionally Blanked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com