công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AWG2017 bảng dữ liệu(PDF) 2 Page - Advanced Semiconductor Business Inc.

tên linh kiện AWG2017
Giải thích chi tiết về linh kiện  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASB [Advanced Semiconductor Business Inc.]
Trang chủ  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG2017 bảng dữ liệu(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AWG2017 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG2017 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
ASB Inc.
 sales@asb.co.kr
January 2017
AWG2017
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +3.3 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
70
150
300
450
900
2000
2500
2700
MHz
Gain
17.8
17.7
17.6
17.6
17.4
16.9
16.6
16.5
dB
S11
-18.0
-20.0
-20.0
-20.0
-18.0
-20.0
-20.0
-20.0
dB
S22
-17.0
-17.0
-17.0
-17.0
-14.0
-18.0
-18.0
-18.0
dB
Noise Figure
2.0
2.0
2.0
1.9
1.9
2.3
2.6
2.9
dB
Output IP31)
37.0
37.0
38.0
38.0
37.0
37.0
34.0
30.0
dBm
Output P1dB
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
dBm
Current
87
mA
Device Voltage
+3.3
V
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
2.2
Product Specification
Supply voltage = +3.3 V, TA = +25
C, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
2000
MHz
Gain
14.9
dB
S11
-20.0
dB
S22
-18.0
dB
Noise Figure
2.6
dB
OIP3
39.0
dBm
P1dB
17.0
dBm
Current
87
mA
Device Voltage
+3.3
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
RF_IN
2
Ground
3
RF_OUT & Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com