| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2453CDGS bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2453CDGS bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 45 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TLV2450AID ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2450AIDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2450AIP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NA-NA-NA TLV2450CD ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2450CDBVR ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2450CDBVRG4 ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2450CDBVT ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2450CDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2450CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NA-NA-NA TLV2450ID ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2450IDBVR ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2450IDBVRG4 ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2450IDBVT ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2450IDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2450IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NA-NA-NA TLV2451AID ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2451AIDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2451AIP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NA-NA-NA TLV2451CD ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2451CDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2451CDBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2451CDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV2451CDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLV2451CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NA-NA-NA TLV2451ID ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM PACKAGE OPTION ADDENDUM www.ti.com 14-Jan-2005 Addendum-Page 1 |