công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2453CDGS bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện TLV2453CDGS
Giải thích chi tiết về linh kiện  FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV2453CDGS bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TLV2453CDGS Datasheet HTML 22Page - Texas Instruments TLV2453CDGS Datasheet HTML 23Page - Texas Instruments TLV2453CDGS Datasheet HTML 24Page - Texas Instruments TLV2453CDGS Datasheet HTML 25Page - Texas Instruments TLV2453CDGS Datasheet HTML 26Page - Texas Instruments TLV2453CDGS Datasheet HTML 27Page - Texas Instruments TLV2453CDGS Datasheet HTML 28Page - Texas Instruments TLV2453CDGS Datasheet HTML 29Page - Texas Instruments TLV2453CDGS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
26
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
shutdown function
Three members of the TLV245x family (TLV2450/3/5) have a shutdown terminal for conserving battery life in
portable applications. When the shutdown terminal is pulled to the voltage level on the GND terminal of the
device, the supply current is reduced to 16 nA/channel, the amplifier is disabled, and the outputs are placed in
a high impedance mode. To enable the amplifier, the shutdown terminal must be pulled high. The shutdown
terminal should never be left floating. The shutdown terminal threshold is always referenced to the GND terminal
of the device. Therefore, when operating the device with split supply voltages (e.g.
±2.5 V), the shutdown
terminal needs to be pulled to VDD− (not system ground) to disable the operational amplifier.
The amplifier’s output with a shutdown pulse is shown in Figures 42, 43, 44, and 45. The amplifier is powered
with a single 5-V supply and configured as a noninverting configuration with a gain of 5. The amplifier turnon
and turnoff times are measured from the 50% point of the shutdown pulse to the 50% point of the output
waveform. The times for the single, dual, and quad are listed in the data tables.
Figures 46 and 47 show the amplifier’s forward and reverse isolation in shutdown. The operational amplifier is
powered by
±1.35-V supplies and configured as a voltage follower (AV = 1). The isolation performance is plotted
across frequency using 0.1-VPP, 1.5-VPP, and 2.5-VPP input signals. During normal operation, the amplifier
would not be able to handle a 2.5-VPP input signal with a supply voltage of ±1.35 V since it exceeds the
common-mode input voltage range (VICR). However, this curve illustrates that the amplifier remains in shutdown
even under a worst case scenario.
driving a capacitive load
When the amplifier is configured in this manner, capacitive loading directly on the output will decrease the
device’s phase margin leading to high frequency ringing or oscillations. Therefore, for capacitive loads of greater
than 10 pF, it is recommended that a resistor be placed in series (RNULL) with the output of the amplifier, as
shown in Figure 49. A minimum value of 20
Ω should work well for most applications.
CLOAD
RF
Input
Output
RG
RNULL
+
−
Figure 49. Driving a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com