| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C754 bảng dữ liệu(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C754 bảng dữ liệu(HTML) 34 Page - NXP Semiconductors |
|
34 / 49 page ![]() Philips Semiconductors SC16C754 Quad UART with 64-byte FIFO Product data Rev. 04 — 19 June 2003 34 of 49 9397 750 11618 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. 9. Limiting values [1] Stresses beyond those listed under Limiting values may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Table 24: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VCC supply voltage - 7 V VI input voltage −0.3 VCC + 0.3 V VO output voltage −0.3 VCC + 0.3 V Tamb operating ambient temperature in free-air −40 +85 °C Tstg storage temperature −65 +150 °C |