công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLP5569RTWR bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện PLP5569RTWR
Giải thích chi tiết về linh kiện  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PLP5569RTWR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  PLP5569RTWR Datasheet HTML 1Page - Texas Instruments PLP5569RTWR Datasheet HTML 2Page - Texas Instruments PLP5569RTWR Datasheet HTML 3Page - Texas Instruments PLP5569RTWR Datasheet HTML 4Page - Texas Instruments PLP5569RTWR Datasheet HTML 5Page - Texas Instruments PLP5569RTWR Datasheet HTML 6Page - Texas Instruments PLP5569RTWR Datasheet HTML 7Page - Texas Instruments PLP5569RTWR Datasheet HTML 8Page - Texas Instruments PLP5569RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
3
LP5569
www.ti.com
SNVSAP8 – JULY 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 5
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics........................................... 8
7.6
Charge-Pump Electrical Characteristics ................... 8
7.7
LED Current Sinks Electrical Characteristics............ 9
7.8
Logic Interface Characteristics.................................. 9
7.9
Timing Requirements (EN/PWM).............................. 9
7.10
Serial-Bus Timing Requirements (SDA, SCL), See
Figure 2 .................................................................... 10
7.11
External Clock Timing Requirements (CLK), See
Figure 1 .................................................................... 10
7.12
Typical Characteristics .......................................... 11
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 23
8.5
Programming........................................................... 25
8.6
Register Maps ......................................................... 39
9
Application and Implementation ........................ 76
9.1
Application Information............................................ 76
9.2
Typical Applications ................................................ 76
10
Power Supply Recommendations ..................... 80
11
Layout................................................................... 81
11.1
Layout Guidelines ................................................. 81
11.2
Layout Example .................................................... 82
12
Device and Documentation Support ................. 83
12.1
Device Support .................................................... 83
12.2
Receiving Notification of Documentation Updates 83
12.3
Community Resources.......................................... 83
12.4
Trademarks ........................................................... 83
12.5
Electrostatic Discharge Caution ............................ 83
12.6
Glossary ................................................................ 83
13
Mechanical, Packaging, and Orderable
Information ........................................................... 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com