công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLP5569RTWR bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện PLP5569RTWR
Giải thích chi tiết về linh kiện  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PLP5569RTWR bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button PLP5569RTWR Datasheet HTML 25Page - Texas Instruments PLP5569RTWR Datasheet HTML 26Page - Texas Instruments PLP5569RTWR Datasheet HTML 27Page - Texas Instruments PLP5569RTWR Datasheet HTML 28Page - Texas Instruments PLP5569RTWR Datasheet HTML 29Page - Texas Instruments PLP5569RTWR Datasheet HTML 30Page - Texas Instruments PLP5569RTWR Datasheet HTML 31Page - Texas Instruments PLP5569RTWR Datasheet HTML 32Page - Texas Instruments PLP5569RTWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
29
LP5569
www.ti.com
SNVSAP8 – JULY 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 5. LED Mapping Instructions (continued)
load_end
Define the last address of the LED mapping table in SRAM.
Last address at 03h: load_end
03h ; Last address at 03h
map_sel
x
Connect one LED driver to the LED engine.
map_sel 0 ; Select LED0 as
output
map_clr
x
Clear the LED driver mappings in an engine
map_clr
map_next
x
Select the next address in the LED mapping table and set that address
active.
map_next
map_prev
x
Select the previous address in the LED mapping table and set that
address active.
map_prev
load_next
Move the mapping-table pointer to the next address.
load_next
load_prev
Move the mapping-table pointer to the previous address.
load_prev
load_addr
Set the mapping-table pointer to assigned address.
load_addr 02h ; Set pointer to
02h
map_addr
x
Set the mapping-table pointer to assigned address and set that address
active.
map_addr 02h ; Set mapping to
02h
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
(3)
This is a new instruction, not available in LP5523 or LP55231
Table 6. Branch Instructions
INSTRUCTION
USAGE
COMPILER EXAMPLE
rst
Reset program counter to zero.
Reset
branch(1)
Branch to address. The number of loops can be set to a value or
do an infinite loop.
Do 20 loops to loop1 label: branch 20, loop1
branch(2)
Branch to address. The loop count can be one of four variables A,
B, C, or D.
Do 20 loops to loop1 label: ld ra, 30 branch
ra, loop1
int
Send an interrupt to the host system by pulling the GPIO/TRIG/INT
pin low.
int
end
End program execution and reset the program counter to zero.
Can also the set GPIO/TRIG/INT pin high and/or reset mapped
LED PWM and engine LED mapping.
End and reset LEDs:
trigger
Wait or send trigger. The trigger can be sent or received from an
external pin or another engine.
Wait for external trigger: trigger w{e}
trig_clear(3)
Clear pending triggers.
trig_clear
jne
Jump if not equal. A != B
Jump to loop1 if A != B: jne ra, rb, loop1
jl
Jump if less. A < B
Jump to loop1 if A < B : jl ra, rb, loop1
jge
Jump if greater or equal. A
≥ B
Jump to loop1 if A >= B: jge ra, rb, loop1
je
Jump if equal. A = B
Jump to loop1 if A = B: je ra, rb, loop1
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
Table 7. Data Transfer and Arithmetic
INSTRUCTION
USAGE
COMPILER EXAMPLE
ld(1)
Assign a value to a variable.
Load value 33h to local variable A: ld ra, 33
add(1)
Add the 8-bit value to the variable value.
Add value 11h to local variable A: add ra, 11
add(2)
Add the value of variable 3 (global variable D) to the value of variable 2
(global variable C) and store the result in variable 1 (local variable A).
Add the value in rd to rc and store in ra: add
ra, rc, rd
sub(1)
Subtract the 8-bit value from the variable value.
Subtract value 11h from local variable A: sub
ra, 11
sub(2)
Subtract the value of variable 3 (global variable D) from the value of
variable 2 (global variable C) and store the result in variable 1 (local
variable A).
Subtract the value in rd from rc and store in
ra: sub ra, rc, rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com