công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C7300 bảng dữ liệu(PDF) 30 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C7300
Giải thích chi tiết về linh kiện  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 bảng dữ liệu(HTML) 30 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 34Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 30 OF 109
09/25/03 Revision 1.09
PI7C7300A has the capability to post multiple delayed read requests, up to a maximum
of four in each direction. If an initiator starts a read transaction that matches the address
and read command of a read transaction that is already queued, the current read
command is not posted as it is already contained in the delayed transaction queue.
See Section 6 for a discussion of how delayed read transactions are ordered when
crossing PI7C7300A.
4.7.7
FAST BACK-TO-BACK READ TRANSACTION
PI7C7300A can recognize fast back-to-back read transactions.
4.8
CONFIGURATION TRANSACTIONS
Configuration transactions are used to initialize a PCI system. Every PCI device
has a configuration space that is accessed by configuration commands. All registers are
accessible in configuration space only.
In addition to accepting configuration transactions for initialization of its own
configuration space, the PI7C7300A also forwards configuration transactions for device
initialization in hierarchical PCI systems, as well as for special cycle generation.
To support hierarchical PCI bus systems, two types of configuration transactions are
specified: Type 0 and Type 1.
Type 0 configuration transactions are issued when the intended target resides on the same
PCI bus as the initiator. A Type 0 configuration transaction is identified by the
configuration command and the lowest two bits of the address set to 00b.
Type 1 configuration transactions are issued when the intended target resides on another
PCI bus, or when a special cycle is to be generated on another PCI bus. A Type 1
configuration command is identified by the configuration command and the lowest two
address bits set to 01b.
The register number is found in both Type 0 and Type 1 formats and gives the DWORD
address of the configuration register to be accessed. The function number is also included
in both Type 0 and Type 1 formats and indicates which function of a multifunction
device is to be accessed. For single-function devices, this value is not decoded. The
addresses of Type 1 configuration transaction include a 5-bit field designating the device
number that identifies the device on the target PCI bus that is to be accessed. In addition,
the bus number in Type 1 transactions specifies the PCI bus to which the transaction is
targeted.
4.8.1
TYPE 0 ACCESS TO PI7C7300A
The configuration space is accessed by a Type 0 configuration transaction on the primary
interface. The configuration space cannot be accessed from the secondary bus. The
PI7C7300A responds to a Type 0 configuration transaction by asserting P_DEVSEL#
when the following conditions are met during the address phase:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com