| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C7300 bảng dữ liệu(PDF) 40 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300 bảng dữ liệu(HTML) 40 Page - Pericom Semiconductor Corporation |
|
40 / 109 page ![]() PI7C7300A 3-PORT PCI-TO-PCI BRIDGE ADVANCE INFORMATION Page 40 OF 109 09/25/03 Revision 1.09 PI7C7300A returns a target disconnect to an initiator when one of the following conditions is met: ! PI7C7300A hits an internal address boundary. ! PI7C7300A cannot accept any more write data. ! PI7C7300A has no more read data to deliver. See Section 4.6.4 for a description of write address boundaries, and Section 4.7.3 for a description of read address boundaries. 4.9.4.3 TARGET ABORT PI7C7300A returns a target abort to an initiator when one of the following conditions is met: ! PI7C7300A is returning a target abort from the intended target. When PI7C7300A returns a target abort to the initiator, it sets the signaled target abort bit in the status register corresponding to the initiator interface. 4.10 CONCURRENT MODE OPERATION The Bridge can be configured to run in concurrent operation. Concurrent operation is defined as cycles going from one device on one secondary bus to another device on the same or other secondary bus. This off-loads traffic from the primary bus, allowing other traffic to run on the primary bus concurrently. The Bridge is already configured to handle concurrent operation. However, the devices themselves need to be configured to do so. Meaning, device drivers for the specific device used will have to be configured to perform the operation. Please see section 5.1 for more information on addressing. 5 ADDRESS DECODING PI7C7300A uses three address ranges that control I/O and memory transaction forwarding. These address ranges are defined by base and limit address registers in the configuration space. This chapter describes these address ranges, as well as ISA-mode and VGA-addressing support. 5.1 ADDRESS RANGES PI7C7300A uses the following address ranges that determine which I/O and memory transactions are forwarded from the primary PCI bus to the secondary PCI bus, and from the secondary bus to the primary bus: |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |