công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCS9888 bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADCS9888
Giải thích chi tiết về linh kiện  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 9Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 10Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 11Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 12Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 13Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 14Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Analog Channel Characteristics (Continued)
20062804
Note 8: Typical figures are at TJ =TA = 25˚C, with the ADC Clock at the stated speed, and represent most likely parametric norm.
Note 9: Test limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Full channel integral non-linearity error is defined as the deviation of the analog value, expressed in LSBs from the straight line that best fits the actual
transfer function of the AFE.
Note 11: The output supply current (IDD) includes the power required to drive a typical digital bus and load circuit at the stated test frequency. The actual output
supply current will depend on the load capacitance of the printed circuit board and connected load device, and the operating frequency and output mode in the
application.
Note 12: These values are guaranteed by design and characterization testing.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34