công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8322 bảng dữ liệu(PDF) 30 Page - Motorola, Inc

tên linh kiện 56F8322
Giải thích chi tiết về linh kiện  16-bit Hybrid Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F8322 bảng dữ liệu(HTML) 30 Page - Motorola, Inc

Back Button 56F8322 Datasheet HTML 26Page - Motorola, Inc 56F8322 Datasheet HTML 27Page - Motorola, Inc 56F8322 Datasheet HTML 28Page - Motorola, Inc 56F8322 Datasheet HTML 29Page - Motorola, Inc 56F8322 Datasheet HTML 30Page - Motorola, Inc 56F8322 Datasheet HTML 31Page - Motorola, Inc 56F8322 Datasheet HTML 32Page - Motorola, Inc 56F8322 Datasheet HTML 33Page - Motorola, Inc 56F8322 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
56F8322 Techncial Data, Rev. 10.0
30
Freescale Semiconductor
Preliminary
Part 4 Memory Map
4.1 Introduction
The 56F8322 and 56F8122 devices are 16-bit motor-control chips based on the 56800E core. These parts
use a Harvard-style architecture with two independent memory spaces for Data and Program. On-chip
RAM and Flash memories are used in both spaces.
This section provides memory maps for:
Program Address Space, including the Interrupt Vector Table
Data Address Space, including the EOnCE Memory and Peripheral Memory Maps
On-chip memory sizes for the device are summarized in Table 4-1. Flash memories’ restrictions are
identified in the “Use Restrictions” column of Table 4-1.
Note: Data Flash and Program RAM are NOT available on the 56F8122 device.
4.2 Program Map
The Program Memory map is located in Table 4-2. The operating mode control bits (MA and MB) in the
Operating Mode Register (OMR) usually control the Program Memory map. Because the 56F8322 and
56F8122 do not include EMI, the OMR MA bit, which is used to decide internal or external BOOT, will
have no effect on the Program Memory Map. OMR MB reflects the security status of the Program Flash.
After reset, changing the OMR MB bit will have no effect on the Program Flash.
Table 4-1 Chip Memory Configurations
On-Chip Memory
56F8322
56F8122
Use Restrictions
Program Flash
32KB
32KB
Erase / Program via Flash interface unit and word writes
to CDBW
Data Flash
8KB
Erase / Program via Flash interface unit and word writes
to CDBW. Data Flash can be read via either CDBR or
XDB2, but not by both simultaneously.
Program RAM
4KB
None
Data RAM
8KB
8KB
None
Program Boot Flash
8KB
8KB
Erase / Program via Flash Interface unit and word
writes to CDBW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com