công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8322 bảng dữ liệu(PDF) 101 Page - Motorola, Inc

tên linh kiện 56F8322
Giải thích chi tiết về linh kiện  16-bit Hybrid Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F8322 bảng dữ liệu(HTML) 101 Page - Motorola, Inc

Back Button 56F8322 Datasheet HTML 97Page - Motorola, Inc 56F8322 Datasheet HTML 98Page - Motorola, Inc 56F8322 Datasheet HTML 99Page - Motorola, Inc 56F8322 Datasheet HTML 100Page - Motorola, Inc 56F8322 Datasheet HTML 101Page - Motorola, Inc 56F8322 Datasheet HTML 102Page - Motorola, Inc 56F8322 Datasheet HTML 103Page - Motorola, Inc 56F8322 Datasheet HTML 104Page - Motorola, Inc 56F8322 Datasheet HTML 105Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
General Characteristics
56F8322 Technical Data, Rev. 10.0
Freescale Semiconductor
101
Preliminary
1. Theta-JA determined on 2s2p test boards is frequently lower than would be observed in an application. Determined on 2s2p ther-
mal test board.
2. Junction to ambient thermal resistance, Theta-JA (RqJA ), was simulated to be equivalent to the JEDEC specification JESD51-2
in a horizontal configuration in natural convection. Theta-JA was also simulated on a thermal test board with two internal planes
(2s2p, where “s” is the number of signal layers and “p” is the number of planes) per JESD51-6 and JESD51-7. The correct name
for Theta-JA for forced convection or with the non-single layer boards is Theta-JMA.
3. Junction to case thermal resistance, Theta-JC (RqJC ), was simulated to be equivalent to the measured values using the cold
plate technique with the cold plate temperature used as the "case" temperature. The basic cold plate measurement technique is
described by MIL-STD 883D, Method 1012.1. This is the correct thermal metric to use to calculate thermal performance when
the package is being used with a heat sink.
4. Thermal Characterization Parameter, Psi-JT (YJT ), is the "resistance" from junction to reference point thermocouple on top cen-
ter of case as defined in JESD51-2. YJT is a useful value to use to estimate junction temperature in steady-state customer envi-
ronments.
5. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature,
ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
6. See Section 12.1 for more details on thermal design considerations.
Table 10-2 56F8322/56F8122 ElectroStatic Discharge (ESD) Protection
Characteristic
Min
Typ
Max
Unit
ESD for Human Body Model (HBM)
2000
—
—
V
ESD for Machine Model (MM)
200
—
—
V
ESD for Charge Device Model (CDM)
500
—
—
V
Table 10-3 Thermal Characteristics6
Characteristic
Comments
Symbol
Value
Unit
Notes
48-pin LQFP
Junction to ambient
Natural Convection
RθJA
41
°C/W
2
Junction to ambient (@1m/sec)
RθJMA
34
°C/W
2
Junction to ambient
Natural Convection
Four layer board
(2s2p)
RθJMA
(2s2p)
34
°C/W
1,2
Junction to ambient (@1m/sec)
Four layer board
(2s2p)
RθJMA
29
°C/W
1,2
Junction to case
RθJC
8°C/W
3
Junction to center of case
Ψ
JT
2
°C/W
4, 5
I/O pin power dissipation
P I/O
User-determined
W
Power dissipation
P D
P D = (IDD x VDD + P I/O)W
Maximum allowed PD
PDMAX
(TJ - TA) /
θJA
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com