công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX8559EBAP2 bảng dữ liệu(PDF) 2 Page - Maxim Integrated Products

tên linh kiện MAX8559EBAP2
Giải thích chi tiết về linh kiện  Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8559EBAP2 bảng dữ liệu(HTML) 2 Page - Maxim Integrated Products

  MAX8559EBAP2 Datasheet HTML 1Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 2Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 3Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 4Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 5Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 6Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 7Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 8Page - Maxim Integrated Products MAX8559EBAP2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual, 300mA, Low-Noise Linear Regulator
with Independent Shutdown in UCSP or TDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
INA, INB, SHDNA, SHDNB, BP to GND ...................-0.3V to +7V
INA to INB..............................................................-0.3V to +0.3V
OUTA, OUTB to GND ..................................-0.3V to (VIN + 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Bump UCSP (derate 4.7mW/°C above +70°C)..........379mW
8-Pin TDFN (derate 24.4mW/°C above +70°C) ..........1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
8-Pin TDFN Lead Temperature (soldering, 10s)..............+300°C
8-Bump UCSP Solder Profile...........................................(Note 1)
ELECTRICAL CHARACTERISTICS
(VIN = 3.8V, SHDNA = SHDNB = IN_, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
6.5
V
Undervoltage-Lockout Threshold
VUVLO
VIN rising, hysteresis is 40mV (typ)
2.15
2.35
2.45
V
TA = +25°C, IOUTA = IOUTB = 1mA
-1
+1
TA = -40°C to +85°C, IOUTA = IOUTB = 1mA
-2
+2
Output Voltage Accuracy
TA = -40°C to +85°C, IOUTA or IOUTB =
0.1mA to 300mA
-3
+3
%
Maximum Output Current
IOUT_
300
mA
Output Current Limit
ILIM_
310
550
920
mA
No load
180
290
No load, one LDO shutdown
115
Ground Current
IQ
IOUTA = IOUTB = 100mA
220
µA
IOUT_ = 1mA
0.6
Dropout Voltage
(Note 2)
VOUT_ -
VIN_
IOUT_ = 100mA
60
120
mV
Line Regulation
∆VLNR
VIN_ = (VOUT_ + 0.1V) to 6.5V, IOUT_ = 1mA
-0.15
0
+0.15
%/V
100Hz to 100kHz, COUT_ = 10µF,
IOUT_ = 1mA, CBP = 0.01µF
32
Output Voltage Noise
100Hz to 100kHz, COUT_ = 10µF,
IOUT_ = 1mA, CBP = not installed
254
µVRMS
10kHz
70
Power-Supply Ripple Rejection
PSRR
VIN_ = VOUT_ + 1V,
CBP = 0.01µF,
COUT_ = 2.2µF,
IOUT_ = 50mA
100kHz
54
dB
SHUTDOWN
TA = +25°C
0.01
1
Shutdown Supply Current
ISHDN
SHDN_ = 0V
TA = -40°C to +85°C
0.1
µA
VIH
Input high voltage
1.6
SHDN Input Threshold
VIL
Input low voltage
0.4
V
Note 1: For UCSP solder profile information, please refer to the application note APP_1891 on the Maxim website, www.maxim-ic.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com