| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5490 bảng dữ liệu(PDF) 40 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 bảng dữ liệu(HTML) 40 Page - Cirrus Logic |
|
40 / 57 page ![]() CS5490 40 DS982F3 6.6.13 Interrupt Mask (Mask) – Page 0, Address 3 Default = 0x00 0000 The Mask register is used to control the activation of the INT pin. Writing a '1' to a Mask register bit will allow the corresponding Status0 register bit to activate the INT pin when set. [23:0] Enable/disable (mask) interrupts. 0 = Interrupt disabled (Default) 1 = Interrupt enabled 6.6.14 Chip Status 1 (Status1) – Page 0, Address 24 Default = 0x00 0000 This register indicates a variety of conditions within the chip. [23:16] Reserved. LCOM[15:8] Indicates the value of the last serial command executed. [7:4] Reserved. TOD Modulator oscillation has been detected in the temperature ADC. VOD Modulator oscillation has been detected in the voltage ADC. [1] Reserved. IOD Modulator oscillation has been detected in the current ADC. 23 22 21 20 19 18 17 16 DRDY CRDY WOF - - MIPS 0 VSWELL 15 14 13 12 11 10 9 8 0 POR 0 IOR 0 VOR 0 IOC 7 654 3 2 1 0 0 VSAG TUP FUP IC RX_CSUM_ERR - RX_TO 23 22 21 20 19 18 17 16 -- -- -- 15 14 13 12 11 10 9 8 LCOM[7] LCOM[6] LCOM[5] LCOM[4] LCOM[3] LCOM[2] LCOM[1] LCOM[0] 7 654 32 10 -- -- TOD VOD - IOD |