| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5480 bảng dữ liệu(PDF) 62 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 bảng dữ liệu(HTML) 62 Page - Cirrus Logic |
|
62 / 70 page ![]() CS5480 62 DS980F3 6.6.77 Calibration Scale (Scale) – Page18, Address 63 Default = 0x4C CCCC (0.6) The Scale register is used in the gain calibration to set the level of calibrated results of I-channel RMS. During gain calibration, the IxRMS results register is divided into the Scale register. The quotient is put into the IxGAIN register. This is a two's complement value in the range of -1.0 value1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.78 V-channel Zero-crossing Threshold (VZXLEVEL) – Page 18, Address 58 Default = 0x10 0000 (0.125) VZXLEVEL is the level that the peak instantaneous voltage must exceed for the zero-crossing detection to function. This is a two's complement value in the range of -1.0 value<1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.79 I-channel Zero-crossing Threshold (IZXLEVEL) – Page 18, Address 24 Default = 0x10 0000 (0.125) IZXLEVEL is the level that the peak instantaneous current must exceed for the zero-crossing detection to func- tion. This is a two's complement value in the range of -1.0 value<1.0, with the binary point to the right of the MSB. Negative values are not used. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |