công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MINI54FHC bảng dữ liệu(PDF) 34 Page - List of Unclassifed Manufacturers

tên linh kiện MINI54FHC
Giải thích chi tiết về linh kiện  32-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MINI54FHC bảng dữ liệu(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button MINI54FHC Datasheet HTML 30Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 31Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 32Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 33Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 34Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 35Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 36Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 37Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 34 of 70
Revision 1.01
Ext. CLK (HXT Or LXT)
HIRC
LIRC
PCLK
WDT
Yes
No
Yes
Yes
Timer0
Yes
Yes
Yes
Yes
Timer1
Yes
Yes
Yes
Yes
I
2C
No
No
No
Yes
SPI
No
No
No
Yes
UART
Yes
Yes
No
No
PWM
No
No
No
Yes
ADC
Yes
Yes
No
Yes
ACMP
No
No
No
Yes
Table 6.4-1 Peripheral Clock Source Selection Table
6.4.5
Power-down Mode Clock
When chip enters Power-down mode, system clocks, some clock sources, and some peripheral
clocks will be disabled. Some clock sources and peripheral clocks are still active in Power-down
mode.
The clocks still kept active are listed below:
Clock Generator
10 kHz internal low speed oscillator (LIRC) clock
32.768 kHz external low speed crystal oscillator (LXT) clock (If PD_32K = 1 and
XTLCLK_EN[1:0] = 10)
Peripherals Clock (When 10 kHz low speed oscillator is adopted as clock source)
Watchdog Clock
Timer 0/1 Clock
6.4.6
Frequency Divider Output
This device is equipped with a power-of-2 frequency divider which is composed of 16 chained
divide-by-2 shift registers. One of the 16 shift register outputs selected by a sixteen to one
multiplexer is reflected to the CKO pin. Therefore there are 16 options of power-of-2 divided
clocks with the frequency from Fin/2
1 to F
in/2
16 where F
in is input clock frequency to the clock
divider.
The output formula is Fout = Fin/2
(N+1), where F
in is the input clock frequency, Fout is the clock
divider output frequency and N is the 4-bit value in FSEL (FRQDIV[3:0]).
When writing 1 to DIVIDER_EN (FRQDIV[4]), the chained counter starts to count. When writing 0
to DIVIDER_EN (FRQDIV[4]), the chained counter continuously runs till divided clock reaches low
state and stay in low state.
if DIVIDER1(FRQDIV[5]) is set to 1, the frequency divider clock (FRQDIV_CLK) will bypass
power-of-2 frequency divider. The frequency divider clock will be output to CKO pin directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com