công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MINI54FHC bảng dữ liệu(PDF) 32 Page - List of Unclassifed Manufacturers

tên linh kiện MINI54FHC
Giải thích chi tiết về linh kiện  32-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MINI54FHC bảng dữ liệu(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button MINI54FHC Datasheet HTML 28Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 29Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 30Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 31Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 32Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 33Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 34Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 35Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 32 of 70
Revision 1.01
6.4.2
System Clock and SysTick Clock
The system clock has three clock sources which are generated from clock generator block. The
clock source switches depending on the register HCLK_S (CLKSEL0[2:0]). The block diagram is
shown below.
111
011
010
001
Reserved
Reserved
4~24 MHz HXT or
32.768 kHz LXT
10 kHz LIRC
HCLK_S (CLKSEL0[2:0])
22.1184 MHz
HIRC
000
1/(HCLK_N+1)
HCLK_N (CLKDIV[3:0])
CPU in Power Down Mode
CPU
AHB
APB
CPUCLK
HCLK
PCLK
Legend:
HXT
= 4~24 MHz external high speed crystal oscillator
HIRC = 22.1184 MHz internal high speed RC oscillator
LIRC = 10 kHz internal low speed RC oscillator
Figure 6.4-2 System Clock Block Diagram
The clock source of SysTick in Cortex
TM-M0 core can use CPU clock or external clock
(SYST_CSR[2]). If using external clock, the SysTick clock (STCLK) has 4 clock sources. The
clock source switches depending on the setting of the register STCLK_S (CLKSEL0[5:3]). The
block diagram is shown below.
111
010
HCLK
4~24 MHz HXT or
32.768 kHz LXT
STCLK_S (CLKSEL0[5:3])
STCLK
22.1184 MHz
HIRC
001
1/2
1/2
4~24 MHz HXT or
32.768 kHz LXT
011
1/2
000
Reserved
Legend:
HXT
= 4~24 MHz external high speed crystal oscillator
HIRC = 22.1184 MHz internal high speed RC oscillator
LIRC = 10 kHz internal low speed RC oscillator
Figure 6.4-3 SysTick Clock Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com