công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M0564VG4AE bảng dữ liệu(PDF) 39 Page - List of Unclassifed Manufacturers

tên linh kiện M0564VG4AE
Giải thích chi tiết về linh kiện  32-BIT MICROCONTROLLER
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M0564VG4AE bảng dữ liệu(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button M0564VG4AE Datasheet HTML 35Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 36Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 37Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 38Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 39Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 40Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 41Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 42Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 161 page
background image
M0564
May 05, 2017
Page 39 of 161
Rev 1.00
48
Pin
64
Pin
100
Pin
Pin Name
Type
MFP
Description
EBI_AD0
I/O
MFP7
EBI address/data bus bit 0.
INT0
I
MFP8
External interrupt 0 input pin.
83 PA.12
I/O
MFP0
General purpose digital I/O pin.
SPI1_I2SMCLK
I/O
MFP2
SPI1 I2S master clock output pin
UART2_RXD
I
MFP3
UART2 data receiver input pin.
UART1_RXD
I
MFP4
UART1 data receiver input pin.
TM_BRAKE2
I
MFP6
Timer Brake 2 input pin.
84 PA.13
I/O
MFP0
General purpose digital I/O pin.
UART2_TXD
O
MFP3
UART2 data transmitter output pin.
UART1_TXD
O
MFP4
UART1 data transmitter output pin.
TM_BRAKE3
I
MFP6
Timer Brake 3 input pin.
85 PA.14
I/O
MFP0
General purpose digital I/O pin.
UART2_nCTS
I
MFP3
UART2 clear to Send input pin.
USCI1_CTL1
I/O
MFP4
USCI1 control 1 pin.
TM2
I/O
MFP6
Timer2 event counter input/toggle output pin.
86 PA.15
I/O
MFP0
General purpose digital I/O pin.
UART2_nRTS
O
MFP3
UART2 request to Send output pin.
USCI1_CLK
I/O
MFP4
USCI1 clock pin.
TM3
I/O
MFP6
Timer3 event counter input/toggle output pin.
53
87 VSS
P
MFP0
Ground pin for digital circuit.
41
54
88 VDD
P
MFP0
Power supply for I/O ports and LDO source for
internal PLL and digital circuit.
42
55
89 AVDD
P
MFP0
Power supply for internal analog circuit.
56
90 VREF
A
MFP0
ADC reference voltage input.
Note: This pin needs to be connected with a 1uF
capacitor.
43
57
91 PB.0
I/O
MFP0
General purpose digital I/O pin.
ADC0_CH0
A
MFP1
ADC0 channel 0 analog input.
VDET_P0
A
MFP2
Voltage detector positive input 0 pin.
UART2_RXD
I
MFP3
UART2 data receiver input pin.
TM2
I/O
MFP4
Timer2 event counter input/toggle output pin.
USCI1_DAT0
I/O
MFP6
USCI1 data 0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com