công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M0564VG4AE bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers

tên linh kiện M0564VG4AE
Giải thích chi tiết về linh kiện  32-BIT MICROCONTROLLER
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M0564VG4AE bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button M0564VG4AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 11Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 12Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 13Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 14Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 15Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 16Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 161 page
background image
M0564
May 05, 2017
Page 13 of 161
Rev 1.00
Supports 16-bit resolution PWM counter, each timer provides 1 PWM counter
Supports up, down and up/down counter operation type
Supports one-shot or Auto-reload counter operation mode
Supports mask function and tri-state enable for each PWM pin
Supports brake function
Supports interrupt when PWM counter match zero, period value or compared
value, and brake condition happened
Supports trigger ADC when PWM counter match zero, period value or compared
value
Watchdog Timer
–
Supports multiple clock sources from LIRC(default selection), HCLK/2048 and LXT
8 selectable time-out period from 1.6ms ~ 26.0sec (depending on clock source)
–
Able to wake up from Power-down or Idle mode
–
Interrupt or reset selectable on watchdog time-out
Window Watchdog Timer
–
Supports multiple clock sources from HCLK/2048 (default selection) and LIRC
Window set by 6-bit counter with 11-bit prescale
–
Interrupt or reset selectable on time-out
RTC
–
Supports separate battery power pin VBAT
–
Supports software compensation by setting frequency compensate register (FCR)
–
Supports RTC counter (second, minute, hour) and calendar counter (day, month, year)
–
Supports Alarm registers (second, minute, hour, day, month, year)
–
Supports Alarm mask registers
–
Selectable 12-hour or 24-hour mode
–
Automatic leap year recognition
–
Supports periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8,
1/4, 1/2 and 1 second
–
Supports wake-up function
 PWM
–
Supports maximum clock frequency up to144MHz
–
Supports up to two PWM modules, each module provides 6 output channels.
–
Supports independent mode for PWM output/Capture input channel
–
Supports complementary mode for 2 complementary paired PWM output channel
Dead-time insertion with 12-bit resolution
Two compared values during one period
–
Supports 12-bit pre-scalar from 1 to 4096
–
Supports 16-bit resolution PWM counter
Up, down and up/down counter operation type
–
Supports mask function and tri-state enable for each PWM pin
–
Supports brake function
Brake source from pin and system safety events: clock failed, Brown-out
detection and CPU lockup.
Noise filter for brake source from pin
Edge detect brake source to control brake state until brake interrupt cleared
Level detect brake source to auto recover function after brake condition removed
–
Supports interrupt on the following events:
PWM counter match zero, period value or compared value
Brake condition happened
–
Supports trigger ADC on the following events:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com